công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6514SQNOPB bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMH6514SQNOPB
Giải thích chi tiết về linh kiện  LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6514SQNOPB bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH6514SQNOPB Datasheet HTML 5Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 6Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 7Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 8Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 9Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 10Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 11Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 12Page - Texas Instruments LMH6514SQNOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
1 VPP
0
50
100
150
200
250
300
FREQUENCY (MHz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
RL = 200:
2.8 VPP
2 VPP
0
50
100
150
200
250
300
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
RL = 200:
2.8 VPP
2 VPP
1 VPP
0
50
100 150 200 250 300 350 400
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
RL = 100:
2.8 VPP
2 VPP
1 VPP
0
50
100 150 200 250 300 350 400
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
RL = 100:
2.8 VPP
1 VPP
2 VPP
0
1
2
3
4
5
6
GAIN STEP (0 = MAXIMUM GAIN)
-70
-65
-60
-55
-50
-45
-40
7
VOUT = 2 VPP
RL = 100:
f = 250 MHz
f = 150 MHz
f = 75 MHz
INPUT CLIPPING
0
1
2
3
4
5
6
GAIN STEP (0 = MAXIMUM GAIN)
-85
-80
-75
-70
-65
-60
-55
7
VOUT = 2 VPP
RL = 200:
f = 250 MHz
f = 150 MHz
f = 75 MHz
INPUT CLIPPING
LMH6514
www.ti.com
SNOSB06 – JANUARY 2008
Typical Performance Characteristics (continued)
VCC = 5V
IMD3 Low Gain Mode
IMD3 High Gain Mode
Figure 8.
Figure 9.
HD2
HD3
vs.
vs.
Frequency
Frequency
Figure 10.
Figure 11.
HD2
HD3
vs.
vs.
Frequency
Frequency
Figure 12.
Figure 13.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6514


Số phần tương tự - LMH6514SQNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6514SQ NSC-LMH6514SQ Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514SQ/NOPB TI1-LMH6514SQ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514SQE/NOPB TI1-LMH6514SQE/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514SQX NSC-LMH6514SQX Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6514SQNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com