công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6514 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH6514
Giải thích chi tiết về linh kiện  LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6514 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH6514_14 Datasheet HTML 3Page - Texas Instruments LMH6514_14 Datasheet HTML 4Page - Texas Instruments LMH6514_14 Datasheet HTML 5Page - Texas Instruments LMH6514_14 Datasheet HTML 6Page - Texas Instruments LMH6514_14 Datasheet HTML 7Page - Texas Instruments LMH6514_14 Datasheet HTML 8Page - Texas Instruments LMH6514_14 Datasheet HTML 9Page - Texas Instruments LMH6514_14 Datasheet HTML 10Page - Texas Instruments LMH6514_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LMH6514
www.ti.com
SNOSB06 – JANUARY 2008
PIN DESCRIPTIONS
Pin Number
Symbol
Description
Analog I/O
6
IN+
Non-inverting analog input. Internally biased to 1.4V. Input voltage should not exceed VCC or
go below GND by more than 0.5V.
7
IN
Inverting analog input. Internally biased to 1.4V. Input voltage should not exceed VCC or go
below GND by more than 0.5V. If using amplifier single ended this input should be capacitively
coupled to ground.
15
OUT
Open collector inverting output. This pin is an output that also requires a power source. This
pin should be connected to 5V through either an RF choke or an appropriately sized inductor
that can form part of a filter. See Application Information for details.
14
OUT+
Open collector non-inverting output. This pin is an output that also requires a power source.
This pin should be connected to 5V through either an RF choke or an appropriately sized
inductor that can form part of a filter. See Application Information for details.
16
LOAD
Internal 200
Ω resistor connection to pin 15. This pin can be left floating for higher gain or
shorted to pin 13 for lower gain and lower effective output impedance. See Application
Information for details.
13
LOAD+
Internal 200
Ω resistor connection to pin 14. This pin can be left floating for higher gain or
shorted to pin 16 for lower gain and lower effective output impedance. See Application
Information for details.
Power
3
VCC
5V power supply pin. Use ceramic, low ESR bypass capacitors. This pin powers everything
except the output stage.
5,8
GND
Ground pins. Connect to low impedance ground plane. All pin voltages are specified with
respect to the voltage on these pins. The exposed thermal pad is also a ground connection.
Digital Inputs
11,10,9
GAIN_0 to
Gain setting pins. See above table for gain step sizes for each pin. These pins are 3.3V CMOS
GAIN_2
logic compatible. 5V inputs may cause damage.
2
LATCH
This pin controls the function of the gain setting pins mentioned above. With LATCH in the
logic HIGH state the gain is fixed and will not change. With the LATCH in the logic LOW state
the gain is set by the state of the gain control pins. Any changes in gain made with the LATCH
pin in the LOW state will take effect immediately. This pin is 3.3V CMOS logic compatible. 5V
inputs may cause damage.
1,4,12
NC
These pins are not connected. They can be grounded or left floating.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6514


Số phần tương tự - LMH6514_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6514SQ NSC-LMH6514SQ Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514SQ/NOPB TI1-LMH6514SQ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514SQE/NOPB TI1-LMH6514SQE/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514SQX NSC-LMH6514SQX Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6514_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com