công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78M15CDTT5G bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC78M15CDTT5G
Giải thích chi tiết về linh kiện  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M15CDTT5G bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC78M15CDTT5G Datasheet HTML 6Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 7Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 8Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 9Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 10Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 11Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 12Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 13Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
http://onsemi.com
10
ORDERING INFORMATION
Device
Output
Voltage
Temperature Range
Package
Marking
Shipping
MC78M05CDTG
5.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M05
75 Units / Rail
MC78M05CDTT5G
5.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M05
2500 / Tape & Reel
MC78M05CDTRKG
5.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M05
2500 / Tape & Reel
MC78M05ACDTG
5.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
8M05D
75 Units / Rail
MC78M05ACDTRKG
5.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
8M05D
2500 / Tape & Reel
MC78M05CTG
5.0 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M05CT
50 Units / Rail
MC78M05ACTG
5.0 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M05ACT
50 Units / Rail
MC78M05ABDTG
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05A
75 Units / Rail
MC78M05ABDTRKG
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05A
2500 / Tape & Reel
NCV78M05ABDTRKG*
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05A
2500 / Tape & Reel
MC78M05ABTG
5.0 V
TJ = −40 to +125C
TO−220
(Pb−Free)
78M05ABT
50 Units / Rail
MC78M05BDTG
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05B
75 Units / Rail
MC78M05BDTT5G
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05B
2500 / Tape & Reel
MC78M05BDTRKG
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05B
2500 / Tape & Reel
NCV78M05BDTRKG*
5.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M05B
2500 / Tape & Reel
MC78M05BTG
5.0 V
TJ = −40 to +125C
TO−220
(Pb−Free)
78M05BT
50 Units / Rail
NCV78M05BTG*
5.0 V
TJ = −40 to +125C
TO−220
(Pb−Free)
78M05BT
50 Units / Rail
MC78M06CDTG
6.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M06
75 Units / Rail
MC78M06CDTRKG
6.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M06
2500 / Tape & Reel
MC78M06CTG
6.0 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M06CT
50 Units / Rail
MC78M06BTG
6.0 V
TJ = −40 to +125C
TO−220
(Pb−Free)
78M06BT
50 Units / Rail
MC78M06BDTRKG
6.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M06B
2500 / Tape & Reel
MC78M08CDTG
8.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M08
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV devices: Tlow = −40C, Thigh = +125C. Guaranteed by design. NCV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.


Số phần tương tự - MC78M15CDTT5G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M15CDTT5G ONSEMI-MC78M15CDTT5G Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Mô tả tương tự - MC78M15CDTT5G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com