công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF4N52K3 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STF4N52K3
Giải thích chi tiết về linh kiện  N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF4N52K3 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STF4N52K3 Datasheet HTML 1Page - STMicroelectronics STF4N52K3 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
Electrical characteristics
STD4N52K3, STF4N52K3, STP4N52K3, STU4N52K3
4/21
Doc ID 18206 Rev 2
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 1 mA, V
GS
= 0
525
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 525 V
V
DS
= 525 V, T
C
=125 °C
1
50
μA
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 20 V
± 10
μA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 50 μA
3
3.75
4.5
V
R
DS(on
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 1.25 A
2.1
2.6
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
C
oss
C
rss
Input capacitance
Output capacitance
Reverse transfer
capacitance
V
DS
= 100 V, f = 1 MHz,
V
GS
= 0
-
334
28
5
-
pF
pF
pF
C
oss(eq)
(1)
1.
C
oss eq
. is defined as a constant equivalent capacitance giving the same charging time as C
oss
when V
DS
increases from 0 to 80% V
DSS
.
Equivalent output
capacitance time
related
V
DS
= 0 to 420 V, V
GS
= 0
-
20
-
pF
R
G
Intrinsic gate
resistance
f = 1 MHz open drain
-
4
-
Ω
Q
g
Q
gs
Q
gd
Total gate charge
Gate-source charge
Gate-drain charge
V
DD
= 400 V, I
D
= 2.5 A,
V
GS
= 10 V
(see
Figure 19)
-
11
2
7
-
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
t
d(on)
t
r
t
d(off)
t
f
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
V
DD
= 260 V, I
D
= 1.25 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 18)
-
8
7
21
14
-
ns
ns
ns
ns


Số phần tương tự - STF4N52K3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STF4N80K5 STMICROELECTRONICS-STF4N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 2.1 ??typ., 3 A MDmesh??K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
February 2015 Rev 3
logo
VBsemi Electronics Co.,...
STF4N80K5 VBSEMI-STF4N80K5 Datasheet
2Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
STF4NK50ZD STMICROELECTRONICS-STF4NK50ZD Datasheet
893Kb / 17P
   N-channel 500V - 2.4廓 - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH??Power MOSFET
More results

Mô tả tương tự - STF4N52K3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD2LN60K3 STMICROELECTRONICS-STD2LN60K3 Datasheet
1Mb / 20P
   N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
STB7N52K3 STMICROELECTRONICS-STB7N52K3 Datasheet
380Kb / 15P
   N-channel 525 V, 0.84 廓, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3??Power MOSFET
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
   N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com