công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM200P81 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện SM200P81
Giải thích chi tiết về linh kiện  RF Engine Model SM200
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SM200P81 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SM200P81 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 11Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 12Page - List of Unclassifed Manufacturers SM200P81 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Model SM200 Data Sheet
Document Number 430145-01B
Page 9 of 21
©2012 Synapse Wireless, Inc.
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
synapse-wireless.com
1.4
Electrical Characteristics
Table 1.2. DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
1
Units
VCC
Supply Voltage
2
1.8
3.3
3.6
V
T
Operating Temp
OP
-40
85
°C
V
Input Hi Voltage
IH
All Digital Inputs
VCC - 0.4
V
V
Input Low Voltage
IL
All Digital Inputs
0.4
V
V
Output Low Voltage
OL
All drive strengths
(2,4,6,8 mA)
0.4
V
V
Output High Voltage
OH
All drive strengths
(2,4,6,8 mA)
VCC - 0.4
V
IL
In Leakage Current
IN
VIN=VCC or VSS, all Pins
<10nA
1
uA
TX-I
Transmit Current
CC
VCC = 3.3V PTX=3dBm
14.5
3
mA
RX-I
Receive Current
CC
VCC = 3.3V
12.5
3
mA
SHDN-
I
Sleep Current
CC
VCC = 3.3V
0.25
uA
1
All typical specifications are measured at 25°C.
2
Absolute maximum stress rated voltage for VCC is -0.3 to 3.6. It is recommended that a bulk decoupling capacitor (47 uF
tantalum rated at 6.3volts) be located close to the VCC pin 21 of the SM200 connector on host board.
3
2.4Ghz transceiver current only. Does not include current required to run CPU.
Table 1.3. ADC Electrical Characteristics (Operating)
Symbol
Parameter
Condition
Min
Typical
Max
Unit
VREFH
Voltage Reference, High
3
Programmable
1.5
1.6
1.8
V
V
Analog input voltage
INDC
Single Ended
0
1.8
V
Differential
0
4
3.3
3
VREFH is programmable to three fixed values; 1.5V, 1.6V, and 1.8V. The default is 1.6V.
4
Each differential analog input may be as high as 3.3V but the single-ended voltage is still limited to the voltage reference.
Table 1.4. ADC Timing/Performance Characteristics
Symbol
Parameter
Condition
Min
Typical
Max
Unit
R
Source impedance at input
AS
5
3k
k
RES
Conversion Resolution
Single Ended
CLKADC <=
4MHz
10
Bits
Single Ended
CLKADC >
8MHz
8
DNL
Differential non-linearity
VREFH = 1.6V
CLKADC=4MHz
-0.5
LSB
INL
Integral non-linearity
VREFH = 1.6V
CLKADC=4MHz
0.8
LSB
E
Zero-scale error
ZS
1.5
LSB
E
Gain error
G
1
LSB
5
Any analog source with a source impedance greater the 3k
Ω will increase the sampling time.


Số phần tương tự - SM200P81

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MIC GROUP RECTIFIERS
SM200 MIC-SM200 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SM200 SPSEMI-SM200 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Rectron Semiconductor
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
   Standard silicon rectifier diodes
More results

Mô tả tương tự - SM200P81

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com