công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP20NM65N bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STP20NM65N
Giải thích chi tiết về linh kiện  N-channel 650 V, 0.250 廓, 15 A TO-220, TO-220FP second generation MDmesh??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM65N bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STP20NM65N Datasheet HTML 1Page - STMicroelectronics STP20NM65N Datasheet HTML 2Page - STMicroelectronics STP20NM65N Datasheet HTML 3Page - STMicroelectronics STP20NM65N Datasheet HTML 4Page - STMicroelectronics STP20NM65N Datasheet HTML 5Page - STMicroelectronics STP20NM65N Datasheet HTML 6Page - STMicroelectronics STP20NM65N Datasheet HTML 7Page - STMicroelectronics STP20NM65N Datasheet HTML 8Page - STMicroelectronics STP20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP20NM65N, STF20NM65N
Electrical ratings
Doc ID 13845 Rev 2
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
VDS
Drain source voltage
650
V
VGS
Gate source voltage
± 25
V
ID
Drain current continuous TC =25 °C
15
15(1)
1.
Limited only by maximum temperature allowed.
A
ID
Drain current continuous TC =100 °C
9.45
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current pulsed
60
A
PTOT
Total dissipation at TC=25 °C
125
30
W
dv/dt (3)
3.
ISD ≤15 A, di/dt ≤400 A/µs, VDS peak ≤V(BR)DSS, VDD = 80 % V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heatsink
(t=1 s; TC = 25 °C)
2500
V
Tstg
TJ
Storage temperature
Max. operating junction temperature
-55 to 150
150
°C
Table 3.
Thermal data
Symbol
Parameters
Value
Unit
TO-220
TO-220FP
Rthjc
Thermal resistance junction-case max.
1
4.17
°C/W
Rthja
Thermal resistance junction-ambient
max.
62.50
°C/W
TJ
Max. lead temperature for soldering
purposes
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameters
Value
Unit
IAS
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
4A
EAS
Single pulse avalanche energy (starting
TJ = 25 °C, ID = IAR, VDD = 50 V)
115
mJ


Số phần tương tự - STP20NM65N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STP20NM65N STMICROELECTRONICS-STP20NM65N Datasheet
573Kb / 18P
   Low gate input resistance
September 2007 Rev 1
More results

Mô tả tương tự - STP20NM65N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
   N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N_08 Datasheet
562Kb / 18P
   N-channel 600 V - 0.17 廓 - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh??Power MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
   N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com