công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMZJ3789B bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
SMZJ3789B bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
2 / 4 page SMZJ3788B thru SMZJ3809B www.vishay.com Vishay General Semiconductor Revision: 25-May-12 2 Document Number: 88402 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Maximum steady state power dissipation is 1500 mW at TL = 75 °C (fig. 1) Note (1) AEC-Q101 qualified ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PART NUMBER (1) DEVICE MARKING CODE ZENER VOLTAGE RANGE TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MAXIMUM ZENER CURRENT (1) VZ AT IZT IZT IZK ZZT AT IZT ZZK AT IZK IR AT VR IZM VmA μA V mA MIN. NOM. MAX. MAX. MAX. MAX. MAX. SMZJ3788B VL 8.65 9.1 9.56 41.2 0.50 4.0 1000 50 7.0 140 SMZJ3789B WB 9.50 10 10.5 37.5 0.25 5.0 1000 50 7.6 125 SMZJ3790B WD 10.5 11 11.6 34.1 0.25 6.0 650 10 8.4 115 SMZJ3791B WF 11.4 12 12.6 31.2 0.25 7.0 550 5.0 9.1 105 SMZJ3792B WH 12.4 13 13.7 28.8 0.25 7.5 550 5.0 9.9 98 SMZJ3793B WJ 14.3 15 15.8 25.0 0.25 9.0 600 5.0 11.4 85 SMZJ3794B WL 15.2 16 16.8 23.4 0.25 10.0 600 5.0 12.2 80 SMZJ3795B XB 17.1 18 18.9 20.8 0.25 12.0 650 5.0 13.7 70 SMZJ3796B XD 19.0 20 21.0 18.7 0.25 14.0 650 5.0 15.2 62 SMZJ3797B XF 20.9 22 23.1 17.0 0.25 17.5 650 5.0 16.7 56 SMZJ3798B XH 22.8 24 25.2 15.6 0.25 19.0 700 5.0 18.2 51 SMZJ3799B XJ 25.7 27 28.4 13.9 0.25 23.0 700 5.0 20.6 46 SMZJ3800B XL 28.5 30 31.5 12.5 0.25 26.0 750 5.0 22.8 41 SMZJ3801B YB 31.4 33 34.7 11.4 0.25 33.0 800 5.0 25.1 38 SMZJ3802B YD 34.2 36 37.8 10.4 0.25 38.0 850 5.0 27.4 35 SMZJ3803B YF 37.1 39 41.0 9.6 0.25 45.0 900 5.0 29.7 31 SMZJ3804B YH 40.9 43 45.2 8.7 0.25 53.0 950 5.0 32.7 28 SMZJ3805B YJ 44.7 47 49.4 8.0 0.25 67.0 1000 5.0 35.8 26 SMZJ3806B YL 48.5 51 53.6 7.3 0.25 70.0 1100 5.0 38.8 24 SMZJ3807B ZB 53.2 56 58.8 6.7 0.25 86.0 1300 5.0 42.6 22 SMZJ3808B ZD 58.9 62 65.1 6.0 0.25 100.0 1500 5.0 47.1 20 SMZJ3809B ZF 64.6 68 71.4 5.5 0.25 120.0 1700 5.0 51.7 18 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SMZJ3788B-E3/52 0.096 52 750 7" diameter plastic tape and reel SMZJ3788B-E3/5B 0.096 5B 3200 13" diameter plastic tape and reel SMZJ3788BHE3/52 (1) 0.096 52 750 7" diameter plastic tape and reel SMZJ3788BHE3/5B (1) 0.096 5B 3200 13" diameter plastic tape and reel |
Số phần tương tự - SMZJ3789B |
|
Mô tả tương tự - SMZJ3789B |