công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4006 bảng dữ liệu(PDF) 1 Page - Continental Device India Limited |
|
1N4006 bảng dữ liệu(HTML) 1 Page - Continental Device India Limited |
1 / 3 page STANDARD RECOVERY RECTIFIERS 1N4001 - 1N4007 DO-41 (Plastic) Axial Lead Plastic Package These Axial Lead Mounted Rectifiers are used for General-Purpose Low-Power Applications ABSOLUTE MAXIMUM RATINGS (Ta=25ºC) SYMBOL 1N 4001 1N 4002 1N 4003 1N 4004 1N 4005 1N 4006 1N 4007 UNIT VRRM VRWM VR 50 100 200 400 600 800 1000 V VRSM 60 120 240 480 720 1000 1200 V VR(RMS) 35 70 140 280 420 560 700 V IO 1.0 A IFSM 30 A Rth (j-a) 50 ºC/W StorageTemperature Range Tstg - 55 to +150 ºC Operating Junction Temperature Tj -55 to +125 ºC ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise ) SYMBOL UNIT VF V VF(AV) V IR µ A µ A IR(AV) µ A Cj pF 1N4001_1N4007Rev030103E Junction Capacitance VR = 4V, f = 1MHz typ 15 Maximum Full-Cycle Average Reverse Current Maximum Full-Cycle Average Forward Voltage Drop IO=1.0A, Ta=75ºC 0.8 IO=1.0A, Ta=75ºC 30 1.1 Maximum Reverse Current @ rated VR Ta = 25ºC Ta = 100ºC 5 500 Maximum Instantaneous Forward Voltage Drop MAX Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blockng Voltage Non-Repetitive Peak Reverse Voltage (halfwave, single phase, 60Hz) RMS Reverse Voltage Average Rectified Current 0.375 " lead length @ Ta=75ºC Non-Repetitive Peak Surge Current 8.3ms single half sine-wave superimposed on rated load IF = 1.0A DESCRIPTION DESCRIPTION TEST CONDITION Thermal Resistance from Junction to Ambient in free air Continental Device India Limited Data Sheet Page 1 of 3 Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company |
Số phần tương tự - 1N4006 |
|
Mô tả tương tự - 1N4006 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |