công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMB10J13A bảng dữ liệu(PDF) 4 Page - Vishay Siliconix |
|
SMB10J13A bảng dữ liệu(HTML) 4 Page - Vishay Siliconix |
4 / 6 page SMB10(8)J5.0(C)A thru SMB10(8)J40(C)A www.vishay.com Vishay General Semiconductor Revision: 12-Nov-12 4 Document Number: 88422 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature Fig. 3 - Pulse Waveform Fig. 4 - Typical Junction Capacitance Fig. 5 - Typical Transient Thermal Impedance Fig. 6 - Maximum Non-Repetitive Forward Surge Current SMB8J5.0C - SMB8J40CA SMB10J5.0 - SMB10J40A 0.1 1 10 100 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas 0.1 µs 1.0 µs 10 µs 100 µs 1.0 ms 10 ms td - Pulse Width (s) 0 25 50 75 100 100 75 50 25 0 125 150 175 200 TJ - Initial Temperature (°C) 0 50 100 150 t d 0 1.0 2.0 3.0 4.0 t - Time (ms) t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM 10 100 1000 10 000 10 1 Bi-Directional 100 200 T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p Measured at Zero Bias V R, Measured at Stand-Off Voltage V WM VWM - Reverse Stand-Off Voltage (V) 1.0 10 100 0.01 0.1 10 1 100 1000 tp - Pulse Duration (s) 10 200 100 100 1 10 Number of Cycles at 60 Hz 8.3 ms Single Half Sine-Wave Uni-Directional Only |
Số phần tương tự - SMB10J13A |
|
Mô tả tương tự - SMB10J13A |