công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMAJ10CA bảng dữ liệu(PDF) 1 Page - Diodes Incorporated |
|
SMAJ10CA bảng dữ liệu(HTML) 1 Page - Diodes Incorporated |
1 / 5 page SMAJ5.0(C)A – SMAJ200(C)A Document number: DS19005 Rev. 16 - 2 1 of 5 www.diodes.com January 2012 © Diodes Incorporated SMAJ5.0(C)A – SMAJ200(C)A 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Features • 400W Peak Pulse Power Dissipation • Glass Passivated Die Construction • Unidirectional and Bidirectional Versions Available • Excellent Clamping Capability • Fast Response Time • Lead Free Finish/RoHS Compliant (Note 1) • Green Molding Compound (No Halogen and Antimony) (Note 2) Mechanical Data • Case: SMA • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 • Polarity Indicator: Cathode Band (Note: Bi-directional devices have no polarity indicator.) • Weight: 0.064 grams (approximate) Ordering Information (Note 3) Part Number Case Packaging SMAJXXX(C)A-13-F SMA 5000/Tape & Reel *x = Device Voltage, e.g., SMCJ170A-13-F. Example: SMAJ170A-13-F. Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes 2. Product manufactured with Date Code 0924 (week 24, 2009) and newer are built with Green Molding Compound. 3. For packaging details, go to our website at http://www.diodes.com. Marking Information Maximum Ratings @TA = 25°C unless otherwise specified Characteristic Symbol Value Unit Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA = 25° C) (Note 4) PPK 400 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (Notes 4, 5 & 6) IFSM 40 A Steady State Power Dissipation @ TL = 75°C PM(AV) 1.0 W Instantaneous Forward Voltage @ IPP = 35A (Notes 4, 5, & 6) VF 3.5 V Notes: 4. Valid provided that terminals are kept at ambient temperature. 5. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. 6. Unidirectional units only. Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range TJ -55 to +150 °C Storage Temperature Range TSTG -55 to +175 °C Green Top View Bottom View xx = Product type marking code (See Electrical Characteristics Table) = Manufacturers’ code marking YWW = Date code marking Y = Last digit of year (ex: 2 for 2002) WW = Week code (01 to 53) YWW xx |
Số phần tương tự - SMAJ10CA |
|
Mô tả tương tự - SMAJ10CA |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |