công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM312D bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện SM312D
Giải thích chi tiết về linh kiện  Self-contained DC-operated Diffuse Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SM312D bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  SM312D Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 3Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 4Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 5Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 6Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 7Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MINI-BEAM DC Sensor with Integral Cable
MINI-BEAM DC Sensor with Quick-Disconnect
MINI-BEAM
® Sensors SM312D
page
4
Banner Engineering Corp. Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
DC Sensors with Attached Cable
DC Sensors with Quick Disconnect
(4-Pin Euro-Style)
bn
wh
bu
+
bk
Load
Load
10-30V dc
bn
wh
bu
+
bk
Load
Load
10-30V dc
Quick Disconnect (QD) Option
DC MINI-BEAM sensors are sold with either a 2 m (6.5') or
a 9 m (30') attached PVC-covered cable, or with a 4-pin
Euro-style QD cable fitting.
DC QD sensors are identified by the letters “QD” in their
model number suffix. For more information on mating QD
cables, see page 8.
4-Pin Euro-Style Pin-out
(Cable Connector Shown)
White Wire
Blue Wire
Black Wire
Brown Wire
12.2 mm (0.48 in)
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
M18 x 1 x 15 mm Thread
(Mounting Nut Supplied)
3.2 mm (0.13 in)
53.3 mm (2.10 in)
27.4 mm (1.08 in)
30.7 mm
(1.21 in)
24.1 mm
(0.95 in)
2 m (6.5 ft) Cable
19.1 mm (0.75 in)
M12 x 1 Thread
Quick Disconnect
20.0 mm
(0.79 in)
MINI-BEAM DC Hookup Diagrams
MINI-BEAM Dimensions


Số phần tương tự - SM312D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM312D ETC2-SM312D Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312D ETC2-SM312D Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312D ETC2-SM312D Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM312D ETC2-SM312D Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM312D BANNER-SM312D Datasheet
582Kb / 10P
   DC Voltage Series
More results

Mô tả tương tự - SM312D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM512 ETC2-SM512 Datasheet
92Kb / 4P
   Diffuse Mode Sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com