công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34844EP bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC34844EP
Giải thích chi tiết về linh kiện  10 Channel LED Backlight Driver with Integrated Power Supply
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844EP bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34844EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34844EP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Analog Integrated Circuit Device Data
11
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
MC34844
NIN INPUT
Voltage to Disable NIN mode
VNIN_DIS
2.2
-
-
V
NIN Bias Current
NIN = VSET
ININ
-2.0
-
2.0
μA
Analog Dimming Current
ICHx Register = 255, RISET=5.1 k
Ω 0.1%
NIN = VSET/2
NIN = 0 V
IDIM_NIN
23.75
47.50
25
50
26.25
52.50
mA
OVER-TEMPERATURE PROTECTION
Over-temperature Threshold(10)
Rising
Hysteresis
OTT
150
-
165
25
175
-
°C
I2C/SM BUS PHYSICAL LAYER [SCK, SDA]
I2C Address
ADRI2C
-
1110110
-
Binary
SM-Bus Address
ADRSMB
-
1110110
-
Binary
Input Low Voltage
VILI
-0.3
-
0.8
V
Input High Voltage
VIHI
2.1
-
5.5
V
Input Hysteresis
VHYSI
0.3
-
-
V
Output Low Voltage
Sink Current < 4.0 mA
VOLI
-
-
0.4
V
Input Current
IINI
-5.0
-
5.0
μA
Input Capacitance(10)
CINI
-
-
10
ρF
LOGIC INPUTS / OUTPUTS (CK, M/~S, PWM, A0/SEN)
Input Low Voltage
VILL
-0.3
-
0.5
V
Input High Voltage
VIHL
1.5
-
5.5
V
Input Hysteresis
VHYSL
-
0.1
-
V
Input Current
IIIL
-5.0
-
5.0
μA
Output Low Voltage (CK)
ISINK < 2.0 mA
VOLL
-
-
0.2
V
Output High Voltage (CK)
ISOURCE < 2.0 mA
VOHL
2.2
-
5.5
V
Input Capacitance(10)
CINI
-
-
5.0
ρF
Notes
10.
Guaranteed by design
Table 4. Static and Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, ILED = 50 mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105 °C, PGND = 0 V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC34844EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP/R2 FREESCALE-MC34844EP/R2 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP/R2 FREESCALE-MC34844EP/R2 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results

Mô tả tương tự - MC34844EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
   10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com