công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7457RX1267LC bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC7457RX1267LC
Giải thích chi tiết về linh kiện  Microprocessor
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7457RX1267LC bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC7457RX1267LC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7457RX1267LC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Overview
Freescale Semiconductor
2
1
Overview
The MPC7457 is the fourth implementation of the fourth generation (G4) microprocessors from Freescale.
The MPC7457 implements the full PowerPC 32-bit architecture and is targeted at networking and
computing systems applications. The MPC7457 consists of a processor core, a 512-Kbyte L2, and an
internal L3 tag and controller that support a glueless backside L3 cache through a dedicated
high-bandwidth interface. The MPC7447 is identical to the MPC7457 except that it does not support the
L3 cache interface.
Figure 1 shows a block diagram of the MPC7457. The core is a high-performance superscalar design
supporting a double-precision floating-point unit and a SIMD multimedia unit.
The memory storage subsystem supports the MPX bus protocol and a subset of the 60x bus protocol to
main memory and other system resources. The L3 interface supports 1, 2, or 4 Mbytes of external SRAM
for L3 cache and/or private memory data. For systems implementing 4 Mbytes of SRAM, a maximum of
2 Mbytes may be used as cache; the remaining 2 Mbytes must be private memory.
Note that the MPC7457 is a footprint-compatible, drop-in replacement in a MPC7455 application if the
core power supply is 1.3 V.
2Features
This section summarizes features of the MPC7457 implementation of the PowerPC architecture.
Major features of the MPC7457 are as follows:
High-performance, superscalar microprocessor
— As many as four instructions can be fetched from the instruction cache at a time.
— As many as three instructions can be dispatched to the issue queues at a time.
— As many as 12 instructions can be in the instruction queue (IQ).
— As many as 16 instructions can be at some stage of execution simultaneously.
— Single-cycle execution for most instructions
— One instruction per clock cycle throughput for most instructions
— Seven-stage pipeline control
Eleven independent execution units and three register files
— Branch processing unit (BPU) features static and dynamic branch prediction
– 128-entry (32-set, four-way set associative) branch target instruction cache (BTIC), a cache
of branch instructions that have been encountered in branch/loop code sequences. If a target
instruction is in the BTIC, it is fetched into the instruction queue a cycle sooner than it can
be made available from the instruction cache. Typically, a fetch that hits the BTIC provides
the first four instructions in the target stream.
– 2048-entry branch history (BHT) with 2 bits per entry for 4 levels of prediction—not-taken,
strongly not-taken, taken, and strongly taken
– Up to three outstanding speculative branches


Số phần tương tự - MC7457RX1267LC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC7457RX1000NC NXP-MC7457RX1000NC Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
More results

Mô tả tương tự - MC7457RX1267LC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com