công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79M05CT bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC79M05CT
Giải thích chi tiết về linh kiện  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M05CT bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  MC79M05CT Datasheet HTML 1Page - ON Semiconductor MC79M05CT Datasheet HTML 2Page - ON Semiconductor MC79M05CT Datasheet HTML 3Page - ON Semiconductor MC79M05CT Datasheet HTML 4Page - ON Semiconductor MC79M05CT Datasheet HTML 5Page - ON Semiconductor MC79M05CT Datasheet HTML 6Page - ON Semiconductor MC79M05CT Datasheet HTML 7Page - ON Semiconductor MC79M05CT Datasheet HTML 8Page - ON Semiconductor MC79M05CT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC79M00 Series
http://onsemi.com
6
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Operating
Temperature Range
Package
Shipping
MC79M05BDT
4.0%
TJ = −40°C to +125°C
DPAK
75 Units / Rail
MC79M05BDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M05BDTRK
DPAK
2500 Units / Reel
MC79M05BDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M05BT
TO−220
50 Units / Rail
MC79M05BTG
TO−220
(Pb−Free)
50 Units / Rail
MC79M05CDT
TJ = 0°C to +125°C
DPAK
75 Units / Rail
MC79M05CDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M05CDTRK
DPAK
2500 Units / Reel
MC79M05CDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M05CT
TO−220
50 Units / Rail
MC79M05CTG
TO−220
(Pb−Free)
50 Units / Rail
MC79M08BDT
TJ = −40°C to +125°C
DPAK
75 Units / Rail
MC79M08BDTRK
DPAK
2500 Units / Reel
MC79M08BDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M08BT
TO−220
50 Units / Rail
MC79M08BTG
TO−220
(Pb−Free)
50 Units / Rail
MC79M08CDT
TJ = 0°C to +125°C
DPAK
75 Units / Rail
MC79M08CDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M08CDTRK
DPAK
2500 Units / Reel
MC79M08CDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M08CT
TO−220
50 Units / Rail
MC79M08CTG
TO−220
(Pb−Free)
50 Units / Rail
MC79M12BDT
TJ = −40°C to +125°C
DPAK
75 Units / Rail
MC79M12BDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M12BDTRK
DPAK
2500 Units / Reel
MC79M12BDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M12BT
TO−220
50 Units / Rail
MC79M12BTG
TO−220
(Pb−Free)
50 Units / Rail
MC79M12CDT
TJ = 0°C to +125°C
DPAK
75 Units / Rail
MC79M12CDTG
DPAK
(Pb−Free)
75 Units / Rail
MC79M12CDTRK
DPAK
2500 Units / Reel
MC79M12CDTRKG
DPAK
(Pb−Free)
2500 Units / Reel
MC79M12CT
TO−220
50 Units / Rail
MC79M12CTG
TO−220
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Số phần tương tự - MC79M05CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC79M05CT MOTOROLA-MC79M05CT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79M05CT FAIRCHILD-MC79M05CT Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
ON Semiconductor
MC79M05CT ONSEMI-MC79M05CT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M05CTG ONSEMI-MC79M05CTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Mô tả tương tự - MC79M05CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com