công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79M05 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC79M05
Giải thích chi tiết về linh kiện  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M05 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC79M05 Datasheet HTML 1Page - ON Semiconductor MC79M05 Datasheet HTML 2Page - ON Semiconductor MC79M05 Datasheet HTML 3Page - ON Semiconductor MC79M05 Datasheet HTML 4Page - ON Semiconductor MC79M05 Datasheet HTML 5Page - ON Semiconductor MC79M05 Datasheet HTML 6Page - ON Semiconductor MC79M05 Datasheet HTML 7Page - ON Semiconductor MC79M05 Datasheet HTML 8Page - ON Semiconductor MC79M05 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC79M00 Series
http://onsemi.com
3
MC79M08B, C
ELECTRICAL CHARACTERISTICS (VI = −10 V, IO = 350 mA, Tlow to Thigh (Note 4), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
−7.7
−8.0
−8.3
Vdc
Line Regulation, TJ = 25°C (Note 3)
−10.5 Vdc ≥ VI ≥ −25 Vdc
−11 Vdc ≥ VI ≥ −21 Vdc
Regline
5.0
3.0
80
50
mV
Load Regulation, TJ = 25°C (Note 3)
5.0 mA ≤ IO ≤ 500 mA
Regload
30
100
mV
Output Voltage
−10.5 Vdc ≥ VI ≥ −25 Vdc, 5.0 mA ≤ IO ≤ 350 mA
VO
−7.6
−8.0
−8.4
Vdc
Input Bias Current (TJ = 25°C)
IIB
8.0
mA
Input Bias Current Change
−10.5 Vdc ≥ VI ≥ −25 Vdc, IO = 350 mA
5.0 mA ≤ IO ≤ 350 mA, VI = −10 V
DIIB
0.4
0.4
mA
Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
Vn
60
mV
Ripple Rejection (f = 120 Hz)
RR
54
63
dB
Dropout Voltage
IO = 500 mA, TJ = 25°C
VI−VO
1.1
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C
DVO/DT
0.4
mV/°C
3. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
4. B = Tlow to Thigh, −40°C < TJ < 125°C
C = Tlow to Thigh, 0°C < TJ < 125°C
MC79M12B, C
ELECTRICAL CHARACTERISTICS (VI = −19 V, IO = 350 mA, Tlow to Thigh (Note 6), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
−11.5
−12
−12.5
Vdc
Line Regulation, TJ = 25°C (Note 5)
−14.5 Vdc ≥ VI ≥ −30 Vdc
−15 Vdc ≥ VI ≥ −25 Vdc
Regline
5.0
3.0
80
50
mV
Load Regulation, TJ = 25°C (Note 5)
5.0 mA ≤ IO ≤ 500 mA
Regload
30
240
mV
Output Voltage
−14.5 Vdc ≥ VI ≥ −30 Vdc, 5.0 mA ≤ IO ≤ 350 mA
VO
−11.4
−12.6
Vdc
Input Bias Current (TJ = 25°C)
IIB
4.4
8.0
mA
Input Bias Current Change
−14.5 Vdc ≥ VI ≥ −30 Vdc, IO = 350 mA
5.0 mA ≤ IO ≤ 350 mA, VI = −19 V
DIIB
0.4
0.4
mA
Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
Vn
75
mV
Ripple Rejection (f = 120 Hz)
RR
54
60
dB
Dropout Voltage
IO = 500 mA, TJ = 25°C
VI−VO
1.1
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C
DVO/DT
−0.8
mV/°C
5. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
6. B = Tlow to Thigh, −40°C < TJ < 125°C
C = Tlow to Thigh, 0°C < TJ < 125°C


Số phần tương tự - MC79M05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79M05 ONSEMI-MC79M05 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M05BDT MOTOROLA-MC79M05BDT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M05BDT ONSEMI-MC79M05BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M05BDT-1 MOTOROLA-MC79M05BDT-1 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M05BDTG ONSEMI-MC79M05BDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Mô tả tương tự - MC79M05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com