công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP08DTG bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC10EP08DTG
Giải thích chi tiết về linh kiện  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP08DTG bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC10EP08DTG Datasheet HTML 3Page - ON Semiconductor MC10EP08DTG Datasheet HTML 4Page - ON Semiconductor MC10EP08DTG Datasheet HTML 5Page - ON Semiconductor MC10EP08DTG Datasheet HTML 6Page - ON Semiconductor MC10EP08DTG Datasheet HTML 7Page - ON Semiconductor MC10EP08DTG Datasheet HTML 8Page - ON Semiconductor MC10EP08DTG Datasheet HTML 9Page - ON Semiconductor MC10EP08DTG Datasheet HTML 10Page - ON Semiconductor MC10EP08DTG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
11
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
__
_
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE -W-.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC10EP08/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Số phần tương tự - MC10EP08DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results

Mô tả tương tự - MC10EP08DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com