công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM03S2412A bảng dữ liệu(PDF) 2 Page - Delta Electronics, Inc.

tên linh kiện DM03S2412A
Giải thích chi tiết về linh kiện  3W DC/DC CONVERTER, DIP-Package , High Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DM03S2412A bảng dữ liệu(HTML) 2 Page - Delta Electronics, Inc.

  DM03S2412A Datasheet HTML 1Page - Delta Electronics, Inc. DM03S2412A Datasheet HTML 2Page - Delta Electronics, Inc. DM03S2412A Datasheet HTML 3Page - Delta Electronics, Inc. DM03S2412A Datasheet HTML 4Page - Delta Electronics, Inc. DM03S2412A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_DM03S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P2
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
11
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
3.7
4
4.5
12V Input Models
8
8.5
9
24V Input Models
15
17
18
Start-Up Voltage
48V Input Models
30
33
36
5V Input Models
---
---
4
12V Input Models
---
---
8.5
24V Input Models
---
---
17
Under Voltage Shutdown
48V Input Models
---
---
34
VDC
Reverse Polarity Input Current
---
---
0.3
A
Short Circuit Input Power
---
---
2000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±1.0
%
5V Output Models
---
75
100
mV P-P
Ripple & Noise (20MHz)
Other Output Models
---
100
150
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
180
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
150
500
uS
Transient Response Deviation
25% Load Step Change
---
±3
±6
%
Temperature Coefficient
---
±0.02
±0.05
%/
Over Load Protection
Foldback
120
150
---
%
Short Circuit Protection
Continuous
Isolation, Safety Approvals
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
4000
---
---
VACrms
I/O Isolation Test Voltage
Flash tested for 1 Second
6000
---
---
VPK
Leakage Current
240VAC, 60Hz
---
---
2
uA
I/O Isolation Resistance
500 VDC
10
---
---
GΩ
I/O Isolation Capacitance
100KHz, 1V
---
7
13
pF
cUL/UL60950-1, CSA C22.2 No. 60950-1-03
UL60601-1,CSA C22.2 No.601-1
Safety Standards
IEC/EN 60950-1, IEC/EN 60601-1
IEC60950-1 CB report, cUL/UL 60950-1 certificate
Safety Approvals
UL60601-1 UL certificate
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switching Frequency
---
150
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground
Benign
1,000,000
---
---
Hours
Recommended Input Fuse
5V Input Models
12V Input Models
24V Input Models
48V Input Models
2000mA Slow-Blow Type
1000mA Slow-Blow Type
500mA Slow-Blow Type
250mA Slow-Blow Type


Số phần tương tự - DM03S2412A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
DM03S2412A DELTA-DM03S2412A Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
More results

Mô tả tương tự - DM03S2412A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com