công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HZZ02002G bảng dữ liệu(PDF) 11 Page - Power-One

tên linh kiện HZZ02002G
Giải thích chi tiết về linh kiện  FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWER-ONE [Power-One]
Trang chủ  http://www.power-one.com
Logo POWER-ONE - Power-One

HZZ02002G bảng dữ liệu(HTML) 11 Page - Power-One

Back Button HZZ02002G Datasheet HTML 7Page - Power-One HZZ02002G Datasheet HTML 8Page - Power-One HZZ02002G Datasheet HTML 9Page - Power-One HZZ02002G Datasheet HTML 10Page - Power-One HZZ02002G Datasheet HTML 11Page - Power-One HZZ02002G Datasheet HTML 12Page - Power-One HZZ02002G Datasheet HTML 13Page - Power-One HZZ02002G Datasheet HTML 14Page - Power-One HZZ02002G Datasheet HTML 15Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BCD.00247 Rev. AA, 07-Nov-12
Page 11 of 18
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelf Data Sheet
Paralleling Front-Ends:
For parallel use in minimal configuration systems, only the inhibit pins must be shorted to logic GND. All other pins can be left
open. The power supplies will share the output current automatically (droop current share).
For parallel applications without I
2C bus, but the use of all other features, it is recommended to connect all logic GND’s on a
backplane together, to connect all Vo2 -, all V o2 + and to leave the internal GND’s open.
The sense wires can be left open or connected to a common load point, the synch-start pin can be left open or connected to a
synch-start circuit, the inhibit pins can be connected together or used individually. All I
2C signals (T1-T5, S1, and S2) can be left
open.
Use of a small foil capacitor > 3µF directly at the power outputs of each unit is recommended in order to prevent voltage drops at
the hot plug. For additional information on paralleling see the following Rack (Power Shelf) section.
Racks
(FNR-3-12G and FNR-3-48G Power Shelves)
Each rack (power shelf) is 1U high with backplane and designed for up to three front-end models in parallel or in n+1 operation.
Each power shelf has:
Massive copper bus bars for low-loss current distribution.
Output terminals with two M4-screws on each power tab.
Two fast-on contacts for system earthing.
Address coding over five pole DIP switch on each unit, 37-pin D-Sub connector with I
2C-lines, monitoring signals and
support functions.
Provides a start-up synchronization circuit and EMV filters.
FNR-3-12G and FNR-3-48G Power Shelf Front View


Số phần tương tự - HZZ02002G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00102-G BEL-HZZ00102-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00103-G BEL-HZZ00103-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00104-G BEL-HZZ00104-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
More results

Mô tả tương tự - HZZ02002G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com