công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N3891 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation

tên linh kiện 1N3891
Giải thích chi tiết về linh kiện  FAST RECOVERY RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3891 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation

  1N3891 Datasheet HTML 1Page - Microsemi Corporation 1N3891 Datasheet HTML 2Page - Microsemi Corporation 1N3891 Datasheet HTML 3Page - Microsemi Corporation 1N3891 Datasheet HTML 4Page - Microsemi Corporation 1N3891 Datasheet HTML 5Page - Microsemi Corporation 1N3891 Datasheet HTML 6Page - Microsemi Corporation 1N3891 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T4-LDS-0143, Rev. 2 (120861)
©2012 Microsemi Corporation
Page 1 of 7
1N3889 – 1N3891, 1N3893
Available on
commercial
versions
FAST RECOVERY RECTIFIERS
Qualified per MIL-PRF-19500/304*
Qualified Levels*:
JAN, JANTX, and
JANTXV
DESCRIPTION
This 1N3889 – 1N3891 and 1N3893 family of rectifier devices are suitable for applications in
DC power supplies, inverters, converters, choppers and ultrasonic systems as well as other
applications. It can also be used as a free-wheeling diode. They are military qualified up to a
JANTXV level on select part numbers and they are available in both standard and reverse
polarities. Microsemi also offers numerous other products to meet higher and lower power
voltage regulation applications.
DO-203AA (DO-4)
Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Very low forward voltage.
Fast recovery time.
Low thermal resistance.
Both polarities available.
JAN, JANTX, and JANTXV qualifications also available per MIL-PRF-19500/304.
*(Excludes part number 1N3889.)
RoHS compliant devices available by adding “e3” suffix.
APPLICATIONS / BENEFITS
Available in 12 or 20 amp current ratings.
Short reverse recovery time.
High surge capability.
Hermetically sealed.
MAXIMUM RATINGS @ TC = 25 ºC unless otherwise noted
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ & TSTG
-65 to +175
oC
Thermal Resistance Junction-to-Case
non “A”
“A”
RӨJC
2.0
1.5
oC/W
Reverse Voltage
1N3890 A/R/AR
1N3891 A/R/AR
1N3893 A/R/AR
VR
100
200
400
V
Working Peak Reverse Voltage
1N3889 A/R/AR
1N3890 A/R/AR
1N3891 A/R/AR
1N3893 A/R/AR
VRWM
50
100
200
400
V (pk)
Repetitive Peak Reverse Voltage
1N3889 A/R/AR
1N3890 A/R/AR
1N3891 A/R/AR
1N3893 A/R/AR
VRRM
50
100
200
400
V
Average Forward Current, 180 degrees conduction
angle, 60 Hz, half sine wave
non “A”
@ TC = 100 ºC
“A”
IO
12
20
A
Maximum Non-Repetitive Sinusoidal Surge Current
@ TC = 100 ºC (8.3 ms, half sine)
non “A”
“A”
IFSM
175
250
A (pk)
NOTES: 1. Derate linearly 2 % of IO /ºC for TC > 100 ºC, see Figure 5.


Số phần tương tự - 1N3891

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3891 GENESIC-1N3891 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
1N3891 VISHAY-1N3891 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Mô tả tương tự - 1N3891

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Changzhou Shunye Electr...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com