công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMA208C bảng dữ liệu(PDF) 1 Page - Filtronic Compound Semiconductors

tên linh kiện LMA208C
Giải thích chi tiết về linh kiện  2-26 GHz PHEMT Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FILTRONIC [Filtronic Compound Semiconductors]
Trang chủ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA208C bảng dữ liệu(HTML) 1 Page - Filtronic Compound Semiconductors

  LMA208C Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA208C Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA208C Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Filtronic
2-26 GHz PHEMT Amplifier
Solid State
LMA208C
Phone: (408) 988-1845
Internet: http://www.FiltronicSolidState.com
Fax: (408) 970-9950
Features
9dB Typical Gain
18dBm 1-dB Gain Compression Power
15dB Input/Output Return Loss Typical
2-26GHz Frequency Bandwidth
DC Decoupled RF Input and Output
Chip Size : 1.986mmX1.082mm (.078”X.043”)
Chip Thickness : 100
µm
Pad Dimension : 100
µm2
Description
The Filtronic LMA208C is a medium power PHEMT amplifier that operates from 2 to 26GHz. This 5-stage travelling wave amplifier provides
10dB nominal gain and 1-dB gain compression power output of greater than 19dBm. The LMA208C is designed for use as wideband driver
amplifer in ECM (Electronic Counter-Measure) and commercial communication system applications. Ground is provided to the circuitry
through vias to the backside metallization.
Electrical Specifications at Ta=25
°C
(VDD=+4.0V, Zin=Zout=50
Ω)
Absolute Maximum Ratings
Notes:
1. This GaAs MMIC is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these devices.
2. Specifications subject to change without notice.
DSS 009 WC
Limit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BW
Operating Bandwidth
2
26
GHz
S21
Small Signal Gain (2-20GHz)
@ .5Idss
7
9
dB
S21
Small Signal Gain (20-26GHz)
@ .5Idss
6
7
dB
Idss
Drain Current at Saturation
Idss @ Vg=0 V
75
162
225
mA
∆S21
Small Signal Gain Flatness
±
1.5
±
2.0
dB
RLin
Input Return Loss
-13
dB
RLout
Output Return Loss
-14
dB
S12
Reverse Isolation
-30
dB
P-1dB
1-dB Gain Compression Power
@ .5Idss
16
18
dBm
Psat
Saturated Output Power
21
dBm
Symbol
Parameter/Conditions
Min.
Max.
Units
Vdd
Drain Supply Voltage
7
Volts
Idd
Total Drain Current
225
mA
Pin
RF Input Power
12
dBm
Pt
Power Dissipation
1.6
W
Tch
Operating Channel Temperature
150
°C
Tstg
Storage Temperature
-65
165
°C
Tmax.
Max. Assembly Temp.
(1 min. max.)
300
°C


Số phần tương tự - LMA208C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
   2-26GHz PHEMT Amplifier
More results

Mô tả tương tự - LMA208C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
SIRENZA MICRODEVICES
SUF-6000 SIRENZA-SUF-6000 Datasheet
132Kb / 4P
   2-16 GHz Broadband pHEMT Amplifier
logo
Hittite Microwave Corpo...
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517 HITTITE-HMC517_09 Datasheet
246Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Custom MMIC Design Serv...
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
   2-26 GHz GaN Low Noise Amplifier
logo
Teledyne Technologies I...
TMA-26-1804 TELEDYNE-TMA-26-1804 Datasheet
887Kb / 2P
   Amplifier 18 GHz - 26 GHz
CMA-26-1804 TELEDYNE-CMA-26-1804 Datasheet
892Kb / 2P
   Amplifier 18 GHz - 26 GHz
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com