công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAW005CL bảng dữ liệu(PDF) 4 Page - Lineage Power Corporation

tên linh kiện LAW005CL
Giải thích chi tiết về linh kiện  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005CL bảng dữ liệu(HTML) 4 Page - Lineage Power Corporation

  LAW005CL Datasheet HTML 1Page - Lineage Power Corporation LAW005CL Datasheet HTML 2Page - Lineage Power Corporation LAW005CL Datasheet HTML 3Page - Lineage Power Corporation LAW005CL Datasheet HTML 4Page - Lineage Power Corporation LAW005CL Datasheet HTML 5Page - Lineage Power Corporation LAW005CL Datasheet HTML 6Page - Lineage Power Corporation LAW005CL Datasheet HTML 7Page - Lineage Power Corporation LAW005CL Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Lineage Power
LAW005-Series Power Modules; dc-dc Converters:
Data Sheet
36 Vdc to 75 Vdc Input; 5 W
April 2008
Table 5. Feature Specifications
Efficiency
(VI, nom; IO = IO, max; TA = 25 °C; see Figure 3.)
LAW005F
LAW005A
LAW005B
LAW005C
LAW005BK
LAW005CL
η
η
η
η
η
η
71
74
77
78
77
78
73
78
80
82
80
80
%
%
%
%
%
%
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = VI, nom, TA = 25 °C):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
All
All
All
All
1
0.15
1
0.15
%VO, set
ms
%VO, set
ms
Table 3. Isolation Specifications
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
1000
pF
Isolation Resistance
100
Table 4. General Specifications
Parameter
Min
Typ
Max
Unit
Weight
18 (0.64)
20 (0.71)
g (oz.)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Overvoltage Protection (clamp)
LAW005F
VO,CLAMP
4.0
4.3
4.6
V
Output Overvoltage Protection (clamp)
LAW005A
VO,CLAMP
6.4
6.8
7.2
V
Output Overvoltage Protection (clamp)
LAW005B
VO,CLAMP
13.8
15
15.6
V
Output Overvoltage Protection (clamp)
LAW005C
VO,CLAMP
16.8
18
19.1
V
Output Overvoltage Protection (clamp)
LAW005BK
VO,CLAMP
———
V
Output Overvoltage Protection (clamp)
LAW005CL
VO,CLAMP
———
V
Table 2. Output Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)


Số phần tương tự - LAW005CL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LAW51M OSRAM-LAW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
LAW57B OSRAM-LAW57B Datasheet
491Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LAW5AM OSRAM-LAW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LAW5AP OSRAM-LAW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
More results

Mô tả tương tự - LAW005CL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com