công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBB20CH60 bảng dữ liệu(PDF) 11 Page - Fairchild Semiconductor

tên linh kiện FSBB20CH60
Giải thích chi tiết về linh kiện  Motion SPM짰 3 Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60 bảng dữ liệu(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBB20CH60 Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 9Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 10Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 11Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 12Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 13Page - Fairchild Semiconductor FSBB20CH60 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
©2006 Fairchild Semiconductor Corporation
11
www.fairchildsemi.com
FSBB20CH60 Rev. C6
Figure 9. Recommended MCU I/O Interface Circuit
3rd Notes:
1. RC coupling at each input (parts shown dotted) might change depending on the PWM control scheme in the application and the wiring impedance of the application’s printed
circuit board. The Motion SPM® 3 Product input signal section integrates a 3.3 k
(typ.) pull-down resistor. Therefore, when using an external filtering resistor, pay attention to
the signal voltage drop at input terminal.
2. The logic input works with standard CMOS or LSTTL outputs.
Figure 10. Recommended Bootstrap Operation Circuit and Parameters
3rd Notes:
3. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics.
4. The bootstrap resistor (RBS) should be three times greater than RE(H). The recommended value of RE(H) is 5.6 , but it can be increased up to 20 (maximum) for a slower dv/
dt of high-side.
5. The ceramic capacitor placed between VCC - COM should be over 1 F and mounted as close to the pins of the Motion SPM 3 product as possible.
MCU
SPM
COM
+5 V
1 nF
4.7 k
,,
IN
(UL)
IN
(VL)
IN
(WL)
,,
IN
(UH)
IN
(VH)
IN
(WH)
V
FO
100
1 nF
RPF =
CPF=
+15 V
22
µF
0.1
µF
1000
µF1 µF
One-Leg Diagram of
Motion SPM 3 Product
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
OUT
Inverter
Output
P
N
These values depend on PWM control algorithm.
DBS
RBS
RE(H)
VSL


Số phần tương tự - FSBB20CH60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
More results

Mô tả tương tự - FSBB20CH60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
   Motion SPM 3 Series
April, 2019 - Rev. 2
logo
Fairchild Semiconductor
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com