công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ15003 bảng dữ liệu(PDF) 3 Page - Nell Semiconductor Co., Ltd

tên linh kiện MJ15003
Giải thích chi tiết về linh kiện  Complementary Silicon power transistors (20A / 140V / 250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NELLSEMI [Nell Semiconductor Co., Ltd]
Trang chủ  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MJ15003 bảng dữ liệu(HTML) 3 Page - Nell Semiconductor Co., Ltd

  MJ15003 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig.2 Active region safe operating area
20
10
5
2
1
0.7
0.5
0.2
V
, Collector-emitter voltage (
V)
CE
There are two limitations on the power handling ability
of a transistor: average junction temperature and
second
breakdown. Safe operating area curves indicate l -V
C
CE
limits of the transistor that must be observed for reliable
operation; i.e., the
must not be subjected to
transistor
The data of fig.2 is based on T
= 200°C; T
is variable
J(pk)
C
depending on conditions. At high case temperatures, thermal
limitations will reduce the power that can be handled to values
less than the limitations imposed by second breakdown.
2.0
1.6
1.2
0.8
0.4
0
500
300
200
100
70
50
30
20
10
7
5
20
200
100
70
50
20
10
0.2 0.3
0.5
1
2
5
7
10
l , Collector current (Amp)
C
Collector current, l (Amp)
C
Fig.3 DC Current gain
MJ15003(NPN)
MJ15004(PNP)
l , Collector current (Amp)
C
Fig.4 “ON” Characteristics
MJ15003(NPN)
MJ15004(PNP)
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MJ15004(PNP)
MJ15003(NPN)
7
15
0.3
3
2
3
5
7
10
20
30
50 70 100 150 200
T = 200
°C
J
T = 25
°C
C
Thermal limitation (single pulse)
Bonding wire limited
Second breakdown limited
curves apply below rated VCEO
greater dissipation than the curves indicate.
V
= 2.0V
CE
T = 100
°C
J
T = 25
°C
J
10
7
5
2
1
0.5
0.2 0.3
V
= 2.0V
CE
T = 100
°C
J
T = 25
°C
J
7
5
300
20
20
10
7
5
2
1
0.5
0.2 0.3
V
@
= 2V
BE
VCE
T = 25
°C
J
T = 100
°C
J
V
@ l
= 10
CE(sat)
/l
C
B
T = 25
°C
J
T = 100
°C
J
2.0
1.6
1.2
0.8
0.4
0
0.2 0.3
0.5
1
2
5
7
10
20
V
@
= 2V
BE
VCE
T = 25
°C
J
T = 100
°C
J
T = 25
°C
J
T = 100
°C
J
V
@ l
= 10
CE(sat)
/l
C
B
Collector current, l (Amp)
C
Page 3 of 4
www.nellsemi.com


Số phần tương tự - MJ15003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
logo
Motorola, Inc
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
Wing Shing Computer Com...
MJ15003 WINGS-MJ15003 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15003 ONSEMI-MJ15003 Datasheet
60Kb / 3P
   Complementary Silicon Power Transistors
September, 2013 ??Rev. 16
logo
Savantic, Inc.
MJ15003 SAVANTIC-MJ15003 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

Mô tả tương tự - MJ15003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com