công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RP827012 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện RP827012
Giải thích chi tiết về linh kiện  Power PCB Relay RPII/2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

RP827012 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  RP827012 Datasheet HTML 1Page - Tyco Electronics RP827012 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
2 pole 8A, 2 form C (CO) or 2 form A (NO) contacts
n
4kV/8mm coil-contact
n
Twin contacts available
n
RoHS compliant (Directive 2002/95/EC)
Typical applications
Domestic appliances, UPS
Approvals
VDE REG.-Nr. C894, UL E214024
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO) or 2 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A (UL: 10A)
Limiting making current, max 4s, duty factor 10%
14A
Breaking capacity max.
2000VA
Contact material
AgCdO, AgNi0.15
Frequency of operation, with/without load
600/72000h-1
Operate/release time typ.
9/3ms
Bounce time typ., form A/form B
2/3ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
RP420/421
A (NO)
8A, 250VAC, resistive, 35°C
100x103
RP420
A (NO)
5A, 250VAC, resistive, 70°C
30x103
Mechanical endurance
>20x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.5
54
500
006
6
4.2
0.6
68
500
012
12
8.4
1.2
270
500
024
24
16.8
2.4
11001)
500
048
48
33.6
4.8
44001)
500
060
60
42.0
6.0
65401)
500
110
110
77.0
11.0
231001)
500
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +20°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
between adjacent contacts
2500Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Power PCB Relay RPII/2
F0150-B
Z
V


Số phần tương tự - RP827012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Telecommunication Elec...
RP820012 TELTRON-RP820012 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
RP820024 TELTRON-RP820024 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
logo
AVX Corporation
RP82010T0050JTTR AVX-RP82010T0050JTTR Datasheet
35Kb / 1P
   High Power Resistive Products
logo
Telecommunication Elec...
RP821012 TELTRON-RP821012 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
RP821024 TELTRON-RP821024 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
More results

Mô tả tương tự - RP827012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Telecommunication Elec...
RP420024 TELTRON-RP420024 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
logo
Tyco Electronics
RP421060 MACOM-RP421060 Datasheet
395Kb / 2P
   Power PCB Relay RPII/2
2-1393230-6 MACOM-2-1393230-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-2 MACOM-2-1393230-2 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-9 MACOM-2-1393230-9 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP838012 MACOM-RP838012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-8 MACOM-2-1393230-8 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-6 MACOM-2-1393232-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-5 MACOM-2-1393230-5 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-7 MACOM-2-1393232-7 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com