công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1049 bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FIN1049
Giải thích chi tiết về linh kiện  LVDS Dual-Line Driver with Dual-Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049 bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FIN1049 Datasheet HTML 1Page - Fairchild Semiconductor FIN1049 Datasheet HTML 2Page - Fairchild Semiconductor FIN1049 Datasheet HTML 3Page - Fairchild Semiconductor FIN1049 Datasheet HTML 4Page - Fairchild Semiconductor FIN1049 Datasheet HTML 5Page - Fairchild Semiconductor FIN1049 Datasheet HTML 6Page - Fairchild Semiconductor FIN1049 Datasheet HTML 7Page - Fairchild Semiconductor FIN1049 Datasheet HTML 8Page - Fairchild Semiconductor FIN1049 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1049 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+4.6
V
VIN
LVDS DC Input Voltage
-0.5
+4.6
V
VOUT
LVDS DC Output Voltage
-0.5
+4.6
V
IOSD
Driver Short-Circuit Current (Continuous)
10
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Max Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
°C
ESD
Human Body Model, JESD22-A114
7000
V
Machine Model, JESD22-A115
250
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
|VID|
Magnitude of Differential Voltage
100
VCC
mV
TA
Operating Temperature
-40
+85
°C


Số phần tương tự - FIN1049

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1049MTC FAIRCHILD-FIN1049MTC Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Mô tả tương tự - FIN1049

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com