công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1049MTCX bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện FIN1049MTCX
Giải thích chi tiết về linh kiện  LVDS Dual-Line Driver with Dual-Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049MTCX bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  FIN1049MTCX Datasheet HTML 1Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 2Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 3Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 4Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 5Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 6Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 7Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 8Page - Fairchild Semiconductor FIN1049MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1049 • Rev. 1.0.3
4
DC Electrical Characteristics
Over-supply voltage and operating temperature ranges, unless otherwise specified. All typical values are at TA=25°C
and with VCC=3.3 V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
LVDS Input DC Specifications (RIN1+, RIN1-, RIN2+, RIN2-) See Figure 3 and Table 1
VTH
Differential Input Threshold HIGH
VCM=1.2 V, 0.05 V,
2.35 V
0
35
mV
VTL
Differential Input Threshold LOW
-100
0
mV
VIC
Common Mode Voltage Range
VID=100 mV, VCC=3.3 V
VID/2
VCC -
(VID/2)
V
IIN
Input Current
VCC=0 V or 3.6 V,
VIN=0 V or 2.8 V
±20
mA
CMOS/ LVTTL Input DC Specifications (EN, ENb, DIN1, DIN2)
VIH
Input High Voltage (LVTTL)
2.0
VCC
V
VIL
Input Low Voltage (LVTTL)
GND
0.8
V
IIN
Input Current (EN, ENb, DIN1, DIN2, RINx+,
RINx-)
VIN=0 V or VCC
±20
µA
VIK
Input Clamp Voltage
VIK=-18 mA
-1.5
-0.7
V
LVDS Output DC Specifications (DOUT1+, DOUT1-, DOUT2+, DOUT2-)
VOD
Output Differential Voltage
See Figure 4
250
350
450
mV
V
OD
VOD Magnitude Change from
RL=100 
35
mV
Differential LOW-to-HIGH
Driver Enabled
VOS
Offset Voltage
See Figure 4
1.125
1.250
1.375
V
V
OS
Offset Magnitude Change from Differential
LOW-to-HIGH
25
mV
IOS
Short-Circuit Output Current
DOUT+=0V & DOUT-=0 V,
Driver Enabled
-9
mA
IOSD
VOD=0 V, Driver Enabled
-9
mA
IOFF
Power-Off Input or Output Current
VCC=0 V, VOUT=0 V or
VCC
±20
mA
IOZD
Disabled Output Leakage Current
Driver Disabled,
DOUT+=0 V or VCC or
DOUT-=0V or VCC
±10
mA
CMOS/LVTTL Output DC Specifications (ROUT1, ROUT2)
VOH
Output High Voltage
IOH=-2 mA, VID=200 mV
2.7
V
VOL
Output Low Voltage
IOL=2 mA, VID=200 mV
0.25
V
IOZ
Disabled Output Leakage Current
Driver Disabled,
ROUTn=0 V or VCC
±10
mA
ICC
Power Supply Current
(2)
Drivers Enabled, Any
Valid Input Condition
25
mA
ICCZ
Power Supply Current
Drivers Disabled
10
mA
CIND
Input Capacitance
LVDS Input
3.0
pF
COUT
Output Capacitance
LVDS Output
4.0
pF
CINT
Input Capacitance
LVTTL Input
3.5
pF
Note:
2.
Both driver and receiver inputs are static. All LVDS outputs have 100
 load. None of the outputs have any
lumped capacitive load.


Số phần tương tự - FIN1049MTCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Mô tả tương tự - FIN1049MTCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com