công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78L15 bảng dữ liệu(PDF) 1 Page - Continental Device India Limited

tên linh kiện LM78L15
Giải thích chi tiết về linh kiện  POSITIVE VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CDIL [Continental Device India Limited]
Trang chủ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM78L15 bảng dữ liệu(HTML) 1 Page - Continental Device India Limited

  LM78L15 Datasheet HTML 1Page - Continental Device India Limited LM78L15 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POSITIVE VOLTAGE REGULATOR
LM78L15
TO-92
pin 1.Output
Plastic Package
2.Ground
3.Input
The voltages available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNIT
VIN
V
Power Dissipation
PD
mW
Tj
ºC
Tstg
ºC
TL
ºC
Recommended Operating Conditions
SYMBOL
MIN
TYP
MAX
UNIT
VI
17.5
30
V
IO
100
mA
Tj
0
125
ºC
ELECTRICAL CHARACTERISTICS
(At Specified Virtual Junction Temperature, VI=23V, IO=40mA, (unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
25ºC
14.4
15.6
V
IO=1mA to 40mA, 0ºC to 125ºC
VI=17.5V to 30V, 0ºC to 125ºC
IO=1mA to 70mA, 0ºC to 125ºC
14.25
15.75
V
VI=17.5V to 30V, 25ºC
300
mV
VI=19 to 30V, 25ºC
250
mV
Ripple Rejection
RR
VI=18.5V to 28.5V, f=120Hz, 0ºC to125ºC
34
dB
IO=1mA to100mA, 25ºC
150
mV
IO=1mA to 40mA, 25ºC
75
mV
Output Noise Voltage
VNO
f=10Hz to 100KHz, 25ºC
82
µV
Dropout Voltage
VDIF (min)
25ºC
1.7
V
Quiescent Current
25ºC
6.5
mA
125ºC
6.0
mA
Quiescent Current Change
∆I
QIN
VI=19V to 30V, 0ºC to 125ºC
1.5
mA
∆I
QL
IO=1mA to 40mA, 0ºC to 125ºC
0.1
mA
LM78L15Rev140406E
VO
- 65 to +150
Input Voltage
Output Current
Operating Junction Temperature
DESCRIPTION
Load Regulation
RBGL
IQ
DESCRIPTION
Input Voltage
Operating free air, Case, or Virtual
Junction Temperature Range
Lead Temperature 1.6mm (1/16inch)
from Case for 10 seconds
Storage Temperature Range
Line Regulation
RBGIN
VALUE
35
260
0 to 150
V
625
14.25
15.75
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Số phần tương tự - LM78L15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78L15 NSC-LM78L15 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L15 HTC-LM78L15 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L15 KEXIN-LM78L15 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM78L15 TGS-LM78L15 Datasheet
286Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
logo
First Components Intern...
LM78L15 FCI-LM78L15 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
More results

Mô tả tương tự - LM78L15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com