công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A-2301E bảng dữ liệu(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

tên linh kiện A-2301E
Giải thích chi tiết về linh kiện  2.24 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Trang chủ  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-2301E bảng dữ liệu(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-2301E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2.24
INCH
SINGLE
DIGIT
DISPLAY
A-2301E B/W
REV:A / 0
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from
PARA and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board and
density of Display placement on the board, as well as other components. It is necessary to avoid
intense heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and
household appliances). Consult PARA
’s sales staff in advance for information on the applications
in which exceptional quality and reliability are required , particularly when the failure or
malfunction of the Display may directly jeopardize life or health (such as for airplanes,
aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control
equipment, life support systems and safety devices).
DRAWING NO. : DS-11-10-0105G
DATE : 2010-12-03
Page : 9
Release
by
PARALIGHTDCC


Số phần tương tự - A-2301E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
A-2301E ETC-A-2301E Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Mô tả tương tự - A-2301E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PARA LIGHT ELECTRONICS ...
C-2301UB-A PARALIGHT-C-2301UB-A Datasheet
197Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301SRD-A PARALIGHT-A-2301SRD-A Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301Y PARALIGHT-C-2301Y Datasheet
208Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301UB PARALIGHT-A-2301UB Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301G-A PARALIGHT-A-2301G-A Datasheet
200Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301E PARALIGHT-C-2301E Datasheet
213Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301G PARALIGHT-C-2301G Datasheet
210Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301Y PARALIGHT-A-2301Y Datasheet
196Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
Everlight Electronics C...
ELS-2326SURWA-S530-A3 EVERLIGHT-ELS-2326SURWA-S530-A3 Datasheet
130Kb / 7P
   2.24" Single Digit Displays
ELS-2326USOWA EVERLIGHT-ELS-2326USOWA Datasheet
121Kb / 6P
   2.24 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com