công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7821KPZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7821KPZ
Giải thích chi tiết về linh kiện  LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7821KPZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7821KPZ Datasheet HTML 1Page - Analog Devices AD7821KPZ Datasheet HTML 2Page - Analog Devices AD7821KPZ Datasheet HTML 3Page - Analog Devices AD7821KPZ Datasheet HTML 4Page - Analog Devices AD7821KPZ Datasheet HTML 5Page - Analog Devices AD7821KPZ Datasheet HTML 6Page - Analog Devices AD7821KPZ Datasheet HTML 7Page - Analog Devices AD7821KPZ Datasheet HTML 8Page - Analog Devices AD7821KPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7821
REV. B
–5–
TERMINOLOGY
LEAST SIGNIFICANT BIT (LSB)
An ADC with 8-bit resolution can resolve one part in 2
8 (1/256
of full scale). For the AD7821 operating in either the unipolar
or bipolar input range with 5 V full scale, one LSB is 19.53 mV.
TOTAL UNADJUSTED ERROR
This is a comprehensive specification which includes relative
accuracy, offset error, and full-scale error.
SLEW RATE
Slew rate is the maximum allowable rate of change of input
signal such that the digital sample values are not in error.
TOTAL HARMONIC DISTORTION (THD)
Total harmonic distortion is the ratio of the square root of the
sum of the squares of the rms value of the harmonics to the rms
value of the fundamental. For the AD7821, total harmonic dis-
tortion is defined as
20
2
2
3
2
4
2
5
2
6
2
1
log
VVV
VV
V
dB
++
++
()
where V1 is the rms amplitude of the fundamental and V2, V3, V4,
V5, and V6 are the rms amplitudes of the individual harmonics.
INTERMODULATION DISTORTION
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products, of order (m+n), at sum and difference frequencies of
mfa+nfb, where m, n = 0, 1, 2, 3…. Intermodulation terms are
those for which m or n is not equal to zero. For example, the
second order terms include (fa + fb) and (fa – fb), and the third
order terms include (2fa + fb), (2fa – fb), (fa + 2fb) and
(fa – 2fb). For the AD7821 intermodulation distortion is calcu-
lated separately for both the second and third order terms.
SIGNAL-TO-NOISE RATIO (SNR)
Signal-to-noise ratio is measured signal-to-noise at the output of
the ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all nonfundamental signals (excluding
dc) up to half the sampling frequency. SNR is dependent on the
number of quantization levels used in the digitization process.
The theoretical SNR for a sine wave input is given by:
SNR
N
dB
=+
()
602
176
..
where N is the number of bits in the ADC. Thus, for an ideal
8-bit ADC, SNR = 50 dB.
PEAK HARMONIC OR SPURIOUS NOISE
Peak harmonic or spurious noise is the rms value of the largest
nonfundamental frequency (excluding dc) up to half the sam-
pling frequency to the rms value of the fundamental.


Số phần tương tự - AD7821KPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7821KP AD-AD7821KP Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KP AD-AD7821KP Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com