công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7712ARZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7712ARZ
Giải thích chi tiết về linh kiện  LC2MOS Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7712ARZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7712ARZ Datasheet HTML 1Page - Analog Devices AD7712ARZ Datasheet HTML 2Page - Analog Devices AD7712ARZ Datasheet HTML 3Page - Analog Devices AD7712ARZ Datasheet HTML 4Page - Analog Devices AD7712ARZ Datasheet HTML 5Page - Analog Devices AD7712ARZ Datasheet HTML 6Page - Analog Devices AD7712ARZ Datasheet HTML 7Page - Analog Devices AD7712ARZ Datasheet HTML 8Page - Analog Devices AD7712ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. F
–4–
AD7712–SPECIFICATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7712 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Parameter
A, S Versions
1
Unit
Conditions/Comments
POWER REQUIREMENTS
Power Supply Voltages
AVDD Voltage
18
+5 to +10
V nom
±5% for Specified Performance
DVDD Voltage
19
+5
V nom
±5% for Specified Performance
AVDD – VSS Voltage
+10.5
V max
For Specified Performance
Power Supply Currents
AVDD Current
4
mA max
DVDD Current
4.5
mA max
VSS Current
1.5
mA max
VSS = –5 V
Power Supply Rejection
20
Rejection w.r.t. AGND; Assumes VBIAS Is Fixed
Positive Supply (AVDD and DVDD)
21
dB typ
Negative Supply (VSS)90
dB typ
Power Dissipation
Normal Mode
45
mW max
AVDD = DVDD = +5 V, VSS = 0 V; Typically 25 mW
Normal Mode
52.5
mW max
AVDD = DVDD = +5 V, VSS = –5 V; Typically 30 mW
Standby (Power-Down) Mode
22
200
µW max
AVDD = DVDD = +5 V, VSS = 0 V or –5 V; Typically 100
µW
NOTES
18The AD7712 is specified with a 10 MHz clock for AV
DD voltages of +5 V
± 5%. It is specified with an 8 MHz clock for AV
DD voltages greater than 5.25 V and less
than 10.5 V. Operating with AVDD voltages in the range 5.25 V to 10.5 V is guaranteed only over the 0 C to 70 C temperature range.
19The
±5% tolerance on the DV
DD input is allowed provided that DVDD does not exceed AVDD by more than 0.3 V.
20Measured at dc and applies in the selected passband. PSRR at 50 Hz will exceed 120 dB with filter notches of 10 Hz, 25 Hz, or 50 Hz. PSRR at 60 Hz will
exceed 120 dB with filter notches of 10 Hz, 30 Hz, or 60 Hz.
21PSRR depends on gain: gain of 1 = 70 dB typ; gain of 2 = 75 dB typ; gain of 4 = 80 dB typ; gains of 8 to 128 = 85 dB typ. These numbers can be improved
(to 95 dB typ) by deriving the VBIAS voltage (via Zener diode or reference) from the AVDD supply.
22Using the hardware STANDBY pin. Standby power dissipation using the software standby bit (PD) of the Control Register is 8 mW typ.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
VSS to DGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AIN1 Input Voltage to AGND . . . VSS – 0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND . . VSS – 0.3 V to AVDD + 0.3 V
REF OUT to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V to AVDD
ORDERING GUIDE
Model
Temperature Range Package Options
*
AD7712AN
–40
°C to +85°C
N-24
AD7712AR
–40
°C to +85°C
RW-24
AD7712AR-REEL
–40
°C to +85°C
RW-24
AD7712AR-REEL7 –40
°C to +85°C
RW-24
AD7712AQ
–40
°C to +85°C
Q-24
AD7712SQ
–55
°C to +125°C
Q-24
EVAL-AD7712EB
Evaluation Board
*N = PDIP, Q = CERDIP; RW = SOIC.
Digital Input Voltage to DGND . . . . . –0.3 V to AVDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
Power Dissipation (Any Package) to 75
°C . . . . . . . . . . 450 mW
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Số phần tương tự - AD7712ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7712AR AD-AD7712AR Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712AR AD-AD7712AR Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712AR AD-AD7712AR Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712AR AD-AD7712AR Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7712AR-REEL AD-AD7712AR-REEL Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
More results

Mô tả tương tự - AD7712ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7711ANZ AD-AD7711ANZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711A AD-AD7711A Datasheet
222Kb / 27P
   LC2MOS Signal Conditioning ADC with RTD Current Source
REV. C
AD7711ARZ AD-AD7711ARZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com