công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD597 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD597
Giải thích chi tiết về linh kiện  Thermocouple Conditioner and Setpoint Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD597 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD597 Datasheet HTML 1Page - Analog Devices AD597 Datasheet HTML 2Page - Analog Devices AD597 Datasheet HTML 3Page - Analog Devices AD597 Datasheet HTML 4Page - Analog Devices AD597 Datasheet HTML 5Page - Analog Devices AD597 Datasheet HTML 6Page - Analog Devices AD597 Datasheet HTML 7Page - Analog Devices AD597 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD596/AD597
REV. B
–5–
SETPOINT CONTROL MODE
The AD596/AD597 can be connected as a setpoint controller as
shown in Figure 2. The thermocouple voltage is cold junction
compensated, amplified, and compared to an external setpoint
voltage. The relationship between setpoint voltage and tempera-
ture is given in Table I. If the temperature to be controlled is
within the operating range (–55
°C to +125°C) of the device, it
can monitor its own temperature by shorting the inputs to
ground. The setpoint voltage with the thermocouple inputs
grounded is given by the expressions:
AD596 Setpoint Voltage =
°C × 9.6 mV/°C + 42 mV
AD597 Setpoint Voltage =
°C × 10.1 mV/°C – 9.1 mV
The input impedance of the setpoint pin of the AD596/AD597
is approximately 50 k
Ω. The temperature coefficient of this
resistance is
±15 ppm/°C. Therefore, the 100 ppm/°C 5 kΩ pot
shown in Figure 2 will only introduce an additional
±1°C degra-
dation of temperature stability over the +25
°C to +100°C ambi-
ent temperature range.
AD596/
AD597*
CONSTANTAN
(ALUMEL)
IRON
(CHROMEL)
0.01 F
+V
R
HYSTERESIS
(OPTIONAL)
TEMPERATURE
CONTROLLED
REGION
HEATER
DRIVER
TEMPERATURE
COMPARATOR
OUTPUT
SET-
POINT
VOLTAGE
VREF
5k
100ppm/ C
SET-
POINT
VOLTAGE
*H PACKAGE PINOUT SHOWN
Figure 2. Setpoint Control Mode
Switching hysteresis is often used in setpoint systems of this type
to provide noise immunity and increase system reliability. By
reducing the frequency of on-off cycling, mechanical component
wear is reduced leading to enhanced system reliability. This can
easily be implemented with a single external resistor between
Pins 7 and 3 of the AD596/AD597. Each 200 nA of current
injected into Pin 3 when the output switches will cause about
1
°C of hysteresis; that is:
RHYST (Ω) =
VOUT
200 nA
×
1
°C
HYST
In the setpoint configuration, the AD596/AD597 output is
saturated at all times, so the alarm transistor will be ON regard-
less of whether there is an open circuit or not. However, –ALM
must be tied to a voltage below (+VS – 4 V) for proper operation
of the rest of the circuit.
STAND-ALONE TEMPERATURE TRANSDUCER
The AD596/AD597 may be configured as a stand-alone Celsius
thermometer as shown in Figure 3.
0.01 F
–VS
VOUT
9.6mV/ C
+VS
0.01 F
+
G
A
+
ICE
POINT
COMP
+
AD596/
AD597*
+
G
*H PACKAGE PINOUT SHOWN
Figure 3. Stand-Alone Temperature Transducer
Temperature Proportional Output Connection
Simply omit the thermocouple and connect the inputs (Pins 1
and 2) to common. The output will now reflect the compensa-
tion voltage and hence will indicate the AD596/AD597 tem-
perature. In this three terminal, voltage output, temperature
sensing mode, the AD596/AD597 will operate over the full
extended –55
°C to +125°C temperature range. The output
scaling will be 9.6 mV per
°C with the AD596 and 10.1 mV per
°C with the AD597. Additionally there will be a 42 mV offset
with the AD596 causing it to read slightly high when used in
this mode.
THERMOCOUPLE CONNECTIONS
The connection of the thermocouple wire and the normal wire
or printed circuit board traces going to the AD596/AD597
forms an effective reference junction as shown in Figure 4. This
junction must be kept at the same temperature as the AD596/
AD597 for the internal cold junction compensation to work
properly. Unless the AD596/AD597 is in a thermally stable
enclosure, the thermocouple leads should be brought in directly
to Pins 1 and 2.
REFERENCE JUNCTION
CONSTANTAN
(ALUMEL)
IRON
(CHROMEL)
NOTE:
A BIAS RETURN PATH
FROM PINS 1 AND 2
OF LESS THAN 1k
IMPEDANCE MUST BE
PROVIDED.
0.01 F
AD596/
AD597*
LIMITING RESISTOR
TO
LED
0.01 F
+VS
VOUT
*H PACKAGE PINOUT SHOWN
GND
–VS
Figure 4. PCB Connections
To ensure secure bonding, the thermocouple wire should be
cleaned to remove oxidization prior to soldering. Noncorrosive
resin flux is effective with iron, constantan, chromel, and
alumel, and the following solders: 95% tin–5% silver, or 90%
tin–10% lead.


Số phần tương tự - AD597

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD597 AD-AD597 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AH AD-AD597AH Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AR AD-AD597AR Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
More results

Mô tả tương tự - AD597

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
2B50 AD-2B50_15 Datasheet
807Kb / 2P
   ISOLATED THERMOCOUPLE SIGNAL CONDITIONER
logo
Intronics Power, Inc.
2B50 INTRONICS-2B50 Datasheet
924Kb / 4P
   Isolated, Thermocouple Signal Conditioner
logo
List of Unclassifed Man...
2B50 ETC1-2B50 Datasheet
50Kb / 1P
   Isolated, Thermocouple Signal Conditioner
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
1B51 AD-1B51 Datasheet
255Kb / 4P
   Isolated mV/Thermocouple Signal Conditioner
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com