công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A-362E bảng dữ liệu(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

tên linh kiện A-362E
Giải thích chi tiết về linh kiện  0.36 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Trang chủ  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-362E bảng dữ liệu(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-362E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-362E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.36
INCH
DUAL
DIGITS
DISPLAY
A-362E
REV:A / 1
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from PARA
and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature increase
per input electric power is affected by the thermal resistance of the circuit board and density of
Display placement on the board, as well as other components. It is necessary to avoid intense
heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and household
appliances). Consult PARA
’s sales staff in advance for information on the applications in which
exceptional quality and reliability are required , particularly when the failure or malfunction of the
Display may directly jeopardize life or health (such as for airplanes, aerospace, submersible
repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support
systems and safety devices).
DRAWING NO. : DS-12-02-0069
DATE : 2013-04-11
Page : 9
Release
by
PARALIGHTDCC


Số phần tương tự - A-362E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
A-362E ETC1-A-362E Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

Mô tả tương tự - A-362E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362E PARALIGHT-C-362E Datasheet
201Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362G-L10 PARALIGHT-C-362G-L10 Datasheet
199Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-362Y-A PARALIGHT-A-362Y-A Datasheet
209Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362SR PARALIGHT-C-362SR Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362Y PARALIGHT-C-362Y Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CST-332 CHINASEMI-CST-332 Datasheet
198Kb / 6P
   0.36 Inch Triad Digits Display
CST-332V9 CHINASEMI-CST-332V9 Datasheet
191Kb / 6P
   0.36 Inch Triad Digits Display
CST-332A9 CHINASEMI-CST-332A9 Datasheet
197Kb / 6P
   0.36 Inch Triad Digits Display
CST-332G CHINASEMI-CST-332G Datasheet
201Kb / 6P
   0.36 Inch Triad Digits Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com