công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC-4R512FKK8K bảng dữ liệu(PDF) 5 Page - Elpida Memory |
|
MC-4R512FKK8K bảng dữ liệu(HTML) 5 Page - Elpida Memory |
5 / 13 page MC-4R512FKK8K Preliminary Data Sheet E0254N10 (Ver. 1.0) 5 Signal Module connector pads I/O Type Description ROW2_THRU_R.. ROW0_THRU_R A52, B50, A50 I RSL Row bus. 3-bit bus containing control and address information for row accesses. Connects to right RDRAM device on "Thru" Channel. SCK_THRU_L A2 I VCMOS Serial Clock input. Clock source used to read from and write to "Thru" Channel RDRAM control registers. Connects to left RDRAM device on "Thru" Channel. SCK_THRU_R A71 I VCMOS Serial Clock input. Clock source used to read from and write to "Thru" Channel RDRAM control registers. Connects to right RDRAM device on "Thru" Channel. SIN_THRU B34 I/O VCMOS "Thru" Channel Serial I/O for reading from and writing to the control registers. Attaches to SIO0 of right RDRAM device on "Thru" Channel. SOUT_THRU A34 I/O VCMOS "Thru" Channel Serial I/O for reading from and writing to the control registers. Attaches to SIO1 of left RDRAM device on "Thru" Channel. CFM_TERM B103 I RSL Clock from master. Connects to right RDRAM device on "Term" Channel. Interface clock used for receiving RSL signals from the controller. Positive polarity. CFMN_TERM B101 I RSL Clock from master. Connects to right RDRAM device on "Term" Channel. Interface clock used for receiving RSL signals from the controller. Negative polarity. CMD_TERM A115 I VCMOS Serial Command Input used to read from and write to the control registers. Also used for power management. Connects to right RDRAM device on "Term" Channel. COL4_TERM.. COL0_TERM B97, A97, B95, A95, B93 I RSL "Term" Channel Column bus. 5-bit bus containing control and address information for column accesses. Connects to right RDRAM device on "Term" Channel. CTM_TERM_L B73 I RSL Clock To Master. Connects to left RDRAM device on "Term" Channel. Interface clock used for transmitting RSL signals to the controller. Positive polarity. CTM_TERM_R A103 I RSL Clock To Master. Connects to right RDRAM device on "Term" Channel. Interface clock used for transmitting RSL signals to the controller. Positive polarity. CTMN_TERM_L B71 I RSL Clock To Master. Connects to left RDRAM device on "Term" Channel. Interface clock used for transmitting RSL signals to the controller. Negative polarity. CTMN_TERM_R A105 I RSL Clock To Master. Connects to right RDRAM device on "Term" Channel. Interface clock used for transmitting RSL signals to the controller. Negative polarity. DQA8_TERM.. DQA0_TERM B113, A113, B111, A111, B109, A109, B107, A107, B105 I/O RSL "Term" Channel Data bus A. A 9-bit bus carrying a byte of read or write data between the controller and RDRAM devices on “Term” Channel. Connects to right RDRAM device on "Term" Channel. DQA8_TERM is non-functional on modules with x16 RDRAM devices. DQB8_TERM.. DQB0_TERM A85, B85, A87, B87, A89, B89, A91, B91, A93 I/O RSL "Term" Channel Data bus B. A 9-bit bus carrying a byte of read or write data between the controller and RDRAM devices on “Term” Channel. Connects to right RDRAM device on "Term" Channel. DQB8_TERM is non-functional on modules with x16 RDRAM devices. ROW2_TERM.. ROW0_TERM A101, B99, A99 I RSL "Term" Channel Row bus. 3-bit bus containing control and address information for row accesses. Connects to right RDRAM device on "Term" Channel. SCK_TERM B115 I VCMOS Serial Clock input. Clock source used to read from and write to "Term" Channel RDRAM control registers. Connects to right RDRAM device on "Term" Channel. SIN_TERM B83 I/O VCMOS "Term" Channel Serial I/O for reading from and writing to the control registers. Attaches to SIO0 of left RDRAM device on "Term" Channel. VTERM A60, B60, A61, B61 "Term" Channel Termination voltage. |
Số phần tương tự - MC-4R512FKK8K |
|
Mô tả tương tự - MC-4R512FKK8K |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |