công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-4R512FKE6D-653 bảng dữ liệu(PDF) 9 Page - Elpida Memory

tên linh kiện MC-4R512FKE6D-653
Giải thích chi tiết về linh kiện  Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELPIDA [Elpida Memory]
Trang chủ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R512FKE6D-653 bảng dữ liệu(HTML) 9 Page - Elpida Memory

Back Button MC-4R512FKE6D-653 Datasheet HTML 5Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 6Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 7Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 8Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 9Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 10Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 11Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 12Page - Elpida Memory MC-4R512FKE6D-653 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
E0077N20 (Ver 2.0)
9
MC-4R512FKE6D
AC Electrical Specifications
Symbol
Parameter and Conditions
MIN.
TYP.
MAX.
Unit
Z
Module Impedance of RSL signals
25.2
28.0
30.8
Module Impedance of SCK and CMD signals
23.8
28.0
32.2
TPD
Average clock delay from finger to finger of all RSL clock nets
2.11
ns
(CTM, CTMN,CFM, and CFMN)
∆TPD
Propagation delay variation of RSL signals with respect to TPD
Note1,2
−24
+24
ps
∆TPD-CMOS
Propagation delay variation of SCK signal with respect to an average clock
delay
Note1
−250
+250
ps
∆TPD- SCK,CMD Propagation delay variation of CMD signal with respect to SCK signal
−200
+200
ps
Vα/VIN
Attenuation Limit
-845
25.0
%
-745
25.0
-653
18.5
VXF/VIN
Forward crosstalk coefficient
-845
8.0
%
(300ps input rise time 20% - 80%)
-745
8.0
-653
8.0
VXB/VIN
Backward crosstalk coefficient
-845
2.5
%
(300ps input rise time 20% - 80%)
-745
2.5
-653
2.5
RDC
DC Resistance Limit
-845
1.2
-745
1.2
-653
1.2
Notes 1. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets (CTM,
CTMN, CFM, and CFMN).
2. If the RIMM module meets the following specification, then it is compliant to the specification.
If the RIMM module does not meet these specifications, then the specification can be adjusted by the
“Adjusted
∆TPD Specification” table.
Adjusted
∆∆∆∆TPD Specification
Symbol
Parameter and conditions
Adjusted MIN./MAX.
Absolute
Unit
MIN.
MAX.
∆TPD
Propagation delay variation of RSL signals with respect to TPD
+/
− [24+(18*N*∆Z0)] Note
−50
50
ps
Note N = Number of RDRAM devices installed on the RIMM module.
∆Z0 = delta Z0% = (MAX. Z0 MIN. Z0) / (MIN. Z0)
(MAX. Z0 and MIN. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers
on the module.)


Số phần tương tự - MC-4R512FKE6D-653

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elpida Memory
MC-4R512FKE6D-840 ELPIDA-MC-4R512FKE6D-840 Datasheet
130Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
More results

Mô tả tương tự - MC-4R512FKE6D-653

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elpida Memory
MC-4R512FKE6D-840 ELPIDA-MC-4R512FKE6D-840 Datasheet
130Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R512FKE8D ELPIDA-MC-4R512FKE8D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
MC-4R512FKE8D-840 ELPIDA-MC-4R512FKE8D-840 Datasheet
129Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com