công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22313 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL22313
Giải thích chi tiết về linh kiện  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL22313 Datasheet HTML 1Page - Intersil Corporation ISL22313 Datasheet HTML 2Page - Intersil Corporation ISL22313 Datasheet HTML 3Page - Intersil Corporation ISL22313 Datasheet HTML 4Page - Intersil Corporation ISL22313 Datasheet HTML 5Page - Intersil Corporation ISL22313 Datasheet HTML 6Page - Intersil Corporation ISL22313 Datasheet HTML 7Page - Intersil Corporation ISL22313 Datasheet HTML 8Page - Intersil Corporation ISL22313 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6421.0
July 17, 2007
fcutoff
(Note 16)
-3dB cut off frequency
Wiper at midpoint (80hex) W option (10k)
1000
kHz
Wiper at midpoint (80hex) U option (50k)
250
kHz
Wiper at midpoint (80hex) T option (100k)
120
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 14)
Integral non-linearity
W option
-3
±1.5
3
MI
(Note 11)
U, T option
-1
±0.3
1
MI
(Note 11)
RDNL
(Note 13)
Differential non-linearity
W option
-1.5
±0.4
1.5
MI
(Note 11)
U, T option
-0.5
±0.15
0.5
MI
(Note 11)
Roffset
(Note 12)
Offset
W option
0
1
5
MI
(Note 11)
U, T option
0
0.5
2
MI
(Note 11)
TCR
(Notes 15, 16)
Resistance temperature coefficient
DCP register set between 32 hex and FF hex
±50
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. Limits are established by characterization.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified. Limits are established by
characterization.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +5.5V, V- = -5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
0.07
0.15
mA
VCC = +2.25V, V- = -2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
0.02
0.05
mA
IV-1
V- Supply Current (volatile write/read) V- = -5.5V, VCC = +5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-1
-0.18
mA
V- = -2.25V, VCC = +2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-0.4
-0.06
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, V- = -5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
12
mA
VCC = +2.25V, V- = -2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
0.3
0.7
mA
IV-2
V- Supply Current (non-volatile
write/read)
V- = -5.5V, VCC = +5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-2
-1.2
mA
V- Supply Current (non-volatile
write/read)
V- = -2.25V, VCC = +2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-0.7
-0.4
mA
ISL22313


Số phần tương tự - ISL22313

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
More results

Mô tả tương tự - ISL22313

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com