công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCPL0638 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện HCPL0638
Giải thích chi tiết về linh kiện  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0638 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  HCPL0638 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
August 2013
HCPL0600, HCPL0601, HCPL0611,
HCPL0637, HCPL0638, HCPL0639
High Speed-10 MBit/s Logic Gate Optocouplers
Single Channel: HCPL0600, HCPL0601, HCPL0611
Dual Channel: HCPL0637, HCPL0638, HCPL0639
Features
Compact SO8 package
Very high speed-10 MBit/s
Superior CMR
Logic gate output
Strobable output (single channel devices)
Wired OR-open collector
U.L. recognized (File # E90700)
IEC60747-5-2 approved (VDE option)
– HCPL0600, HCPL0601, HCPL0611 only
Applications
Ground loop elimination
LSTTL to TTL, LSTTL or 5-volt CMOS
Line receiver, data transmission
Data multiplexing
Switching power supplies
Pulse transformer replacement
Computer-peripheral interface
Description
The HCPL06XX optocouplers consist of an AlGaAS
LED, optically coupled to a very high speed integrated
photo-detector logic gate with a strobable output (single
channel devices). The devices are housed in a compact
small-outline package. This output features an open col-
lector,
thereby
permitting
wired
OR
outputs. The
HCPL0600, HCPL0601 and HCPL0611 output consists
of bipolar transistors on a bipolar process while the
HCPL0637, HCPL0638, and HCPL0639 output consists
of bipolar transistors on a CMOS process for reduced
power consumption. The coupled parameters are guar-
anteed over the temperature range of -40°C to +85°C.
An internal noise shield provides superior common
mode rejection.
Package Dimensions
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
Note:
All dimensions are in inches (millimeters)


Số phần tương tự - HCPL0638

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Mô tả tương tự - HCPL0638

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com