công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMBN04BE bảng dữ liệu(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

tên linh kiện FMBN04BE
Giải thích chi tiết về linh kiện  Nonilluminated options in 4 or 16 keys, illuminated choices in 12 or 16 keys
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Trang chủ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FMBN04BE bảng dữ liệu(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  FMBN04BE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L
Series FM
Membranes
www.nkk.com
L15
Power Level
20mA @ 24V DC
Contact Resistance
500Ω maximum (10mA @ 10V DC)
Insulation Resistance
100 megohms minimum @ 250V DC minimum
Dielectric Strength
250V AC minimum for one minute minimum
Operational Life
1,000,000 operations minimum
Contact Timing
10 milliseconds maximum
Nominal Operating Force
1.0N ~ 6.0N
Stroke:
Nonilluminated
Illuminated with Overlay
.016” ~ .039” (0.4mm ~ 1.0mm)
.020” ~ .047” (0.5mm ~ 1.2mm)
Operating Temperature Range
–15°C ~ +50°C (+5°F ~ +122°F) illuminated
–15°C ~ +55°C (+5°F ~ +131°F) nonilluminated
• Nonilluminated options in 4 or 16 keys, illuminated choices in 12 or 16 keys
• 1.0mm (.039”) tail pitch
• Easily integrated into designs: replaces multiple mechanical switches, soldered
wires and cable assemblies
• Card insertion into design supports customized legends for nonilluminated models
• Actuating dome offers crisp, tactile feedback to positively indicate circuit transfer
• Illuminated models feature legends on embossed keypads
• Adhesive backing for easy mounting
Ordering Information
Description
Part Number
Illumination
Number of Keys
Surface Sheet
Black (D)
Gray (E)
Overlay
FMBN04BD
Nonilluminated
4
FMBN04BE
4
FMBN16BD
16
FMBN16BE
16
FMBP12BF
Dot Illuminated
with
Overlay
12
Gray Surface Sheet with
Embossed White Keypad
and Gray Legends
FMBP16BF
16
DISTINCTIVE CHARACTERISTICS
GENERAL SPECIFICATIONS
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
VF
I F
R
+
E
Anode
Cathode
The electrical specifications
shown are determined at a
basic temperature of 25°C.
LED is an integral part of
the switch. LEDs are not
sold separately.
LED circuits are isolated and require an external power source.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
Single Element LED Color: Amber
Unit
Forward Voltage (Typical)
V
F
2.1
V
Forward Current (Typical)
I
F
20
mA
Forward Current (Maximum)
I
F
30
mA
* Forward Peak Current (Max)
I
FM
195
mA
Reverse Voltage (Maximum)
V
R
5.0
V
* Note: Pulse width 0.1msec maximum with a maximum duty cycle ratio of 1/10
LED SPECIFICATIONS


Số phần tương tự - FMBN04BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fox Electronics
FMB FOX-FMB Datasheet
87Kb / 1P
   CERAMIC SEAM SEALED SMD CRYSTAL
logo
Sanken electric
FMB-2204 SANKEN-FMB-2204 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-2206 SANKEN-FMB-2206 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
FMB-22H SANKEN-FMB-22H Datasheet
44Kb / 2P
   Schottky Barrier Diodes 20V
FMB-22L SANKEN-FMB-22L Datasheet
44Kb / 2P
   Schottky Barrier Diodes 20V
More results

Mô tả tương tự - FMBN04BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229 TONTEK-TTP229 Datasheet
370Kb / 19P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316_15 Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
88974033 ETC2-88974033 Datasheet
130Kb / 5P
   Efficient and economical version, without display or keys setting
88974024 ETC2-88974024 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
88974026 ETC2-88974026 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
88974023 ETC2-88974023 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com