công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADR550 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADR550
Giải thích chi tiết về linh kiện  High Precision Shunt Mode Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADR550 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADR550 Datasheet HTML 1Page - Analog Devices ADR550 Datasheet HTML 2Page - Analog Devices ADR550 Datasheet HTML 3Page - Analog Devices ADR550 Datasheet HTML 4Page - Analog Devices ADR550 Datasheet HTML 5Page - Analog Devices ADR550 Datasheet HTML 6Page - Analog Devices ADR550 Datasheet HTML 7Page - Analog Devices ADR550 Datasheet HTML 8Page - Analog Devices ADR550 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Precision Shunt Mode
Voltage References
ADR525/ADR530/ADR550
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Ultracompact SC70 and SOT-23-3 packages
Temperature coefficient: 40 ppm/°C (maximum)
2× the temperature coefficient improvement over the
LM4040
Pin compatible with the LM4040/LM4050
Initial accuracy: ±0.2%
Low output voltage noise: 18 μV p-p @ 2.5 V output
No external capacitor required
Operating current range: 50 μA to 15 mA
Industrial temperature range: −40°C to +85°C
APPLICATIONS
Portable, battery-powered equipment
Automotive
Power supplies
Data acquisition systems
Instrumentation and process control
Energy measurement
Table 1. Selection Guide
Part
Voltage (V)
Initial
Accuracy (%)
Temperature
Coefficient
(ppm/°C)
ADR525A
2.5
±0.4
70
ADR525B
2.5
±0.2
40
ADR530A
3.0
±0.4
70
ADR530B
3.0
±0.2
40
ADR550A
5.0
±0.4
70
ADR550B
5.0
±0.2
40
PIN CONFIGURATION
ADR525/
ADR530/
ADR550
V+ 1
V– 2
TRIM
3
Figure 1. 3-Lead SC70 (KS) and 3-Lead SOT-23-3 (RT)
GENERAL DESCRIPTION
Designed for space-critical applications, the ADR525/ADR530/
ADR550 are high precision shunt voltage references, housed in
ultrasmall SC70 and SOT-23-3 packages. These references feature
low temperature drift of 40 ppm/°C, an initial accuracy of better
than ±0.2%, and ultralow output noise of 18 μV p-p.
Available in output voltages of 2.5 V, 3.0 V, and 5.0 V, the
advanced design of the ADR525/ADR530/ADR550 eliminates
the need for compensation by an external capacitor, yet the
references are stable with any capacitive load. The minimum
operating current increases from a mere 50 μA to a maximum
of 15 mA. This low operating current and ease of use make
these references ideally suited for handheld, battery-powered
applications.
A trim terminal is available on the ADR525/ADR530/ADR550
to allow adjustment of the output voltage over a ±0.5% range,
without affecting the temperature coefficient of the device. This
feature provides users with the flexibility to trim out small
system errors.
For better initial accuracy and wider temperature range, see the
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 family at
www.analog.com.


Số phần tương tự - ADR550

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR550 AD-ADR550 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR550A AD-ADR550A Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550ART-R2 AD-ADR550ART-R2 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR550ART-R2 AD-ADR550ART-R2 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550ART-REEL7 AD-ADR550ART-REEL7 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
More results

Mô tả tương tự - ADR550

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com