công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC123AP-E bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện 74HC123AP-E
Giải thích chi tiết về linh kiện  Old Company Name in Catalogs and Other Documents
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74HC123AP-E bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  74HC123AP-E Datasheet HTML 1Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 2Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 3Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 4Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 5Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 6Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 7Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 8Page - Renesas Technology Corp 74HC123AP-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 8
HD74HC123A
Dual Retriggerable Monostable Multivibrators (with Clear)
REJ03D0564-0200
(Previous ADE-205-438)
Rev.2.00
Oct 11, 2005
Description
This multivibrator features both a negative, A, and a positive, B, transition triggered input, either of which can be used
as an inhibit input. Also included is a clear input that when taken low resets the one shot. The HD74HC123A can be
triggered on the positive transition of the clear while A is held low and B is held high.
The HD74HC123A is retriggerable. That is it may be triggered repeatedly while their outputs are generating a pulse
and the pulse will be extended.
Pulse width stability over a wide range of temperature. The output pulse equation is simply: tw = (Rext) (Cext).
Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC123AP
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC123AFPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
Clear
A
B
Q
Q
L
X
X
L
H
X
H
X
L
H
X
X
L
L
H
H
L
H
H
L
H
Note:
External timing capacitance connects between Cext and Rext/Cext.
H :
High level
L :
Low level
X :
Irrelevant


Số phần tương tự - 74HC123AP-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rochester Electronics
74HC123A ROCHESTER-74HC123A Datasheet
443Kb / 4P
   Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
More results

Mô tả tương tự - 74HC123AP-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com