công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS181002-CQ bảng dữ liệu(PDF) 6 Page - Cirrus Logic

tên linh kiện CS181002-CQ
Giải thích chi tiết về linh kiện  Digital Audio Networking Processor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS181002-CQ bảng dữ liệu(HTML) 6 Page - Cirrus Logic

Back Button CS181002-CQ Datasheet HTML 2Page - Cirrus Logic CS181002-CQ Datasheet HTML 3Page - Cirrus Logic CS181002-CQ Datasheet HTML 4Page - Cirrus Logic CS181002-CQ Datasheet HTML 5Page - Cirrus Logic CS181002-CQ Datasheet HTML 6Page - Cirrus Logic CS181002-CQ Datasheet HTML 7Page - Cirrus Logic CS181002-CQ Datasheet HTML 8Page - Cirrus Logic CS181002-CQ Datasheet HTML 9Page - Cirrus Logic CS181002-CQ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6
©Copyright 2005 Cirrus Logic, Inc.
DS651UM23
Version 2.3
CobraNet Hardware User’s Manual
Features
2.0 Features
2.1
CobraNet
• Real-time Digital Audio Distribution via Ethernet
• No Overall Limit on Network Channel Capacity
• Fully IEEE 802.3 Ethernet Standards Compliant
• Fiber optic and gigabit Ethernet variants are fully supported.
• Ethernet infrastructure can be used simultaneously for audio and data
communications.
• Free
CobraCAD™ Audio Network Design Tool
• High-quality Audio Sample Clock Delivery Over Ethernet
• Bit-transparent 16-, 20-, and 24-bit Audio Transport
• Professional 48-kHz and 96-kHz sample rate
• Select Latency as Low as 1.33ms
• Flexible Many-to-many Network Audio Routing Capabilities
• Reduced-cost, Improved-performance, Convergent Audio Distribution
Infrastructure
2.2
CobraNet Interface
• 120 MIPS Customer-configurable Audio DSP
• Auto-negotiating 100Mbit Full-duplex Ethernet Connections
• Up to 32-channel Audio I/O Capability
• Implements CobraNet Protocol for real-time transport of audio over Ethernet.
• Local Management via 8-bit Parallel Host Port
• UDP/IP Network Stack with Dynamic IP Address Assignment via BOOTP or
RARP
• Remote Management via Simple Network Management Protocol (SNMP)
• Economical Three-chip Solution
• Available Module form factor allows for flexible integration into audio products.
• Non-volatile Storage of Configuration Parameters
• Safely Upgrade Firmware Over Ethernet Connection
• LED Indicators for Ethernet Link, Activity, Port Selection, and Conductor Status
• Watchdog Timer Output for System Integrity Assurance
• Comprehensive Power-on Self-test (POST)
• Error and Fault Reporting and Logging Mechanisms


Số phần tương tự - CS181002-CQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS181002-CQ/A1 CIRRUS-CS181002-CQ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQZ/A1 CIRRUS-CS181002-CQZ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
More results

Mô tả tương tự - CS181002-CQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
EV-2 CIRRUS-EV-2 Datasheet
434Kb / 44P
   Digital Audio Networking Processor
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
   Digital Audio Networking Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com