công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1H-CPU66H bảng dữ liệu(PDF) 9 Page - Omron Electronics LLC

tên linh kiện CS1H-CPU66H
Giải thích chi tiết về linh kiện  CS1 CPUs Mean Ultimate Performance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1H-CPU66H bảng dữ liệu(HTML) 9 Page - Omron Electronics LLC

Back Button CS1H-CPU66H Datasheet HTML 5Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 6Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 7Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 8Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 9Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 10Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 11Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 12Page - Omron Electronics LLC CS1H-CPU66H Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CPU Overview
Programmable Controller
CS1
C--19
Outstanding Connectivity and Compatibility
J Protocol List
The following protocols are supported for serial communications.
Protocol
Main Destinations
Outline
Commands/Instructions
Host Link
(SYSMAC WAY)
Computers, OMRON
Operator Interface Terminals
Communications between host
computers and PLCs.
Host Link commands or FINS
commands (unsolicited
messages supported)
Custom
General-purpose devices
Custom communications with
general-purpose external devices.
TXD and RXD instructions
Protocol Macros
General-purpose devices
(including OMRON
components)
Sending/receiving messages
(communications frames) matched to the
communications specifications of external
devices.
PMCR instruction
1:N NT Links
OMRON Operator Interface
Terminals
High-speed communications with
Operator Interface Terminals.
None
Peripheral bus
Support Software
Communications with Support Software
tools running on host computers.
None
General
(written in BASIC)
General-purpose devices
Unrestricted communications with
external devices.
BASIC
Note: Refer to
Serial Communications in the Industrial Networks and Communications Section for the ports that can be used for each
protocol.
Host Computer
Host Link
General-Purpose
External Device
Microcomputer and
other devices
Non-OMRON PLC
and other devices
Operator
Interface
Serial Communications
Board
CPU
Support Software
CX-Programmer
CX-Protocol
CX-Motion
Programming
Console
ASCII Module
Serial Communications
Modules
Peripheral Bus (Protocol Bus)
NT Link
General-Purpose
External Device
Temperature Controller,
Bar Code Reader, etc.
General-purpose
protocol created in
ASCII Module
using BASIC.
J Overview of Serial Communications
Protocol Macro
Protocol Macro
Protocol Macro


Số phần tương tự - CS1H-CPU66H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
CS1H-CPU66-E OMRON-CS1H-CPU66-E Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1H-CPU66-E OMRON-CS1H-CPU66-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Mô tả tương tự - CS1H-CPU66H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Ultralife Corporation.
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
   Ultimate Battery Eliminator
10 March 2016 Rev A
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
[Old version datasheet]   Logarithmic Root Mean Square Response
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
FX-5210 ETC2-FX-5210 Datasheet
141Kb / 1P
   High Performance 2U Network Security Platform With Four CPUs
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com