công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1H-CPU67H bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện CS1H-CPU67H
Giải thích chi tiết về linh kiện  CS1 CPUs Mean Ultimate Performance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1H-CPU67H bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  CS1H-CPU67H Datasheet HTML 1Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 2Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 3Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 4Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 5Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 6Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 7Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 8Page - Omron Electronics LLC CS1H-CPU67H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
CPU Overview
Programmable Controller
CS1
C--12
CS1D Duplex System CPUs for Increased Reliability
J Features and Functions
High reliability for a no-fail redundant system. The CS1D offers
redundancy of CPUs, Power Supplies, and Controller Link
Network.
CPUs, Power Supplies, Communication Modules, Basic and
Special I/O Modules can be replaced during system operation.
Hot standby technology allows easy and fast maintenance.
Hot standby system adopted for CPU duplexing
Same support software as CS1 (CX-Programmer).
Complete compatibility among CS1 I/O Modules.
Same speed, I/O capacity and memory size as CS1.
Built-in peripheral and RS-232C port.
Inner board compartment for additional communications ports.
Basic specifications for CS1D Duplex CPUs.
J Basic Specifications for CS1D CPU Models
Model
No. of I/O bits
Program
capacity
Data memory
capacity
LD Instruction
processing
speed
Built-in ports
Options
CS1D-CPU65H
5,120 bits
60K steps
128K words
0.02
µs
Peripheral port
and RS-232C
t
Memory Cards
Inner board, such as
CS1D-CPU67H
250K steps
448K words
port
Inner board, such as
serial communication
board
Note: The available data memory capacity is the sum of the Data Memory (DM) and the Extended Data Memory (EM).
With the CS1 PLCs, Memory Cards and specified ranges of the EM Area can be used as file memory. File memory can be used to
store the entire user program, I/O memory contents, and/or parameter area contents.


Số phần tương tự - CS1H-CPU67H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
CS1H-CPU67-E OMRON-CS1H-CPU67-E Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1H-CPU67-E OMRON-CS1H-CPU67-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Mô tả tương tự - CS1H-CPU67H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Ultralife Corporation.
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
   Ultimate Battery Eliminator
10 March 2016 Rev A
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
[Old version datasheet]   Logarithmic Root Mean Square Response
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
FX-5210 ETC2-FX-5210 Datasheet
141Kb / 1P
   High Performance 2U Network Security Platform With Four CPUs
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com