công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1539 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL1539
Giải thích chi tiết về linh kiện  Dual Channel Differential VDSL2 Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL1539 Datasheet HTML 3Page - Intersil Corporation ISL1539 Datasheet HTML 4Page - Intersil Corporation ISL1539 Datasheet HTML 5Page - Intersil Corporation ISL1539 Datasheet HTML 6Page - Intersil Corporation ISL1539 Datasheet HTML 7Page - Intersil Corporation ISL1539 Datasheet HTML 8Page - Intersil Corporation ISL1539 Datasheet HTML 9Page - Intersil Corporation ISL1539 Datasheet HTML 10Page - Intersil Corporation ISL1539 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL1539
9
FN7516.4
June 21, 2013
Application Information
The ISL1539 consists of two sets of high-power line driver
amplifiers that can be connected for full duplex differential line
transmission. The amplifiers are designed to be used with signals
up to 30MHz and produce low distortion levels. A typical interface
circuit is shown in Figure 20.
The amplifiers are wired with one in positive gain and the other in
a negative gain configuration to generate a differential output for
a single-ended input. They will exhibit very similar frequency
responses for gains of three or greater and thus generate very
small common-mode outputs over frequency, but for low gains
the two drivers RF's need to be adjusted to give similar frequency
responses. The positive-gain driver will generally exhibit more
bandwidth and peaking than the negative-gain driver.
If a differential signal is available to the drive amplifiers, they
may be wired so:
Each amplifier has identical positive gain connections, and
optimum common-mode rejection occurs. Further, DC input
errors are duplicated and create common-mode rather than
differential line errors.
Power Supplies and Dissipation
Due to the high power drive capability of the ISL1539, much
attention needs to be paid to power dissipation. The power that
needs to be dissipated in the ISL1539 has two main contributors.
The first is the quiescent current dissipation. The second is the
dissipation of the output stage.
The quiescent power in the ISL1539 is not constant with varying
outputs. In reality, 7mA of the 15mA needed to power the drivers
is converted in to output current. Therefore, in the equation below
we should subtract the average output current, IO, or 7mA,
whichever is the lowest. We’ll call this term IX.
Therefore, we can determine a quiescent current with
Equation 1:
where:
•VS is the supply voltage (VS+ to VS-)
•IS is the maximum quiescent supply current (IS+ + IS-)
•IX is the lesser of IO or 7mA (generally IX = 7mA)
The dissipation in the output stage has two main contributors.
Firstly, we have the average voltage drop across the output
transistor and secondly, the average output current. For minimal
power dissipation, the user should select the supply voltage and
the line transformer ratio accordingly. The supply voltage should
be kept as low as possible, while the transformer ratio should be
selected so that the peak voltage required from the ISL1539 is
close to the maximum available output swing. There is a trade
off, however, with the selection of transformer ratio. As the ratio
is increased, the receive signal available to the receivers is
reduced.
Once the user has selected the transformer ratio, the dissipation
in the output stages can be selected with Equation 2:
where:
•VS is the supply voltage (VS+ to VS-)
•VO is the average output voltage per channel
•IO is the average output current per channel
The overall power dissipation (PDISS) is obtained by adding
PDquiescent and PDtransistor.
Then, the
θJA requirement needs to be calculated. This is done
using Equation 3:
FIGURE 20. TYPICAL LINE INTERFACE CONNECTION
FIGURE 21. DRIVERS WIRED FOR DIFFERENTIAL INPUT
+
+
-
-
-
+
+
-
ROUT
RG
R
RF
RF
RF
RIN
R
RF
RIN
LINE -
ZLINE
LINE +
ROUT
DRIVER
INPUT
RECEVIE
OUT+
RECEVIE
OUT-
RECEVIE
AMPLIFIERS
+
-
RF
RF
2RG
-
+
-
P
Dquiescent
V
S
I
S
2I
X
()
×
=
(EQ. 1)
P
Dtransistors
2I
O
V
S
2
-------
×
×
V
O
=
(EQ. 2)
θ
JA
T
JUNCT
T
AMB
()
P
DISS
-------------------------------------------------
=
(EQ. 3)


Số phần tương tự - ISL1539

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1539 INTERSIL-ISL1539 Datasheet
35Kb / 2P
   Dual Channel Differential VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

Mô tả tương tự - ISL1539

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1539 INTERSIL-ISL1539_07 Datasheet
35Kb / 2P
   Dual Channel Differential VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com