công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBL410 bảng dữ liệu(PDF) 1 Page - EIC discrete Semiconductors

tên linh kiện KBL410
Giải thích chi tiết về linh kiện  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EIC [EIC discrete Semiconductors]
Trang chủ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBL410 bảng dữ liệu(HTML) 1 Page - EIC discrete Semiconductors

  KBL410 Datasheet HTML 1Page - EIC discrete Semiconductors KBL410 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL400 - KBL410
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 4.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 5.15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
KBL
400
KBL
401
KBL
402
KBL
404
KBL
406
KBL
408
KBL
410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc=50
°C
IF(AV)
4.0
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
200
Amps.
Rating for fusing
( t < 8.3 ms. )
I
2
t
166
A
2
S
Maximum Forward Voltage per Diode at IF = 4 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Typical Thermal Resistance ( Note 1 )
R
θJA
10
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Thermal resistance from Junction to Ambient with units mounted on a 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate.
UPDATE : APRIL 23,1998
RATING
0.085 (2.16)
0.065 (1.65)
KBL
0.77 (19.56)
0.73 (18.54)
0.265 (6.73 )
0.235 (5.97)
0.200 (5.08)
0.190 (4.82)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeter )
+ AC AC
0.825 (20.95)
0.605 (15.36)
1.00 (25.4)
MIN.


Số phần tương tự - KBL410

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
KBL410 WTE-KBL410 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Kwang Myoung I.S. CO.,L...
KBL410 KISEMICONDUCTOR-KBL410 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kingtronics Internation...
KBL410 KINGTRONICS-KBL410 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Jinan Gude Electronic D...
KBL410 JGD-KBL410 Datasheet
137Kb / 2P
   SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Mô tả tương tự - KBL410

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com