công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF07WBP-6S bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện LF07WBP-6S
Giải thích chi tiết về linh kiện  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LF07WBP-6S bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LF07WBP-6S Datasheet HTML 5Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 6Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 7Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 8Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 9Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 10Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 11Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 12Page - List of Unclassifed Manufacturers LF07WBP-6S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LF SeriesqMiniature Waterproof Shielded Connectors
3
2
2
Cable preparation
Cable outer jacket
Shielding mesh
A
1
Tightening collar
Strain relief collar
Backshell
No.
1
Seal bushing
Cable
Cable preparation end
2
Shielding mesh
(Folded back)
Wires
Cable outer jacket
2
4 to 5mm
2
3
3
Table 2. Stripping Dimensions
Cable outer jacket
Wires
Shielding mesh
Cable outer jacket
B
Conductors
Wires
Stripping dimensions
Thread the tightening collar, strain relief collar,
seal bushing and the backshell over the cable
as illustrated.
Strip the cable’s outer jacket to the dimensions
illustrated in the table 1.
Fold back the shielding mesh over the cable’s
outer jacket assuring that it is uniform on its
diameter.
Strip the wires to the dimensions illustrated in
the Table 2.
Notes
(1)
(2)
Exercise caution not to damage the shielding
mesh.
Any damage to the cable’s outer jacket may
affect the waterproof performance of the
assembled connector.
Notes
Threading the components may not be
possible after the cable-end finishing process
Notes
When stripping the wires exercise caution not
to damage it’s insulation, folded over
shielding mesh or cable’s outer jacket.
It may cause deffects in insulation,
conduction, and waterproof performance.
Illustration
Operation
Table 1. Stripping Dimensions
Number of Conductors
A mm
3
6
8 to 9
4
13 to 14
12
11
20
14 to 15
23 to 24
23 to 24 (No.1 to 7)
22 to 23 (No.A to D)
2±0.5
3±0.5
2±0.5
Number of Conductors
B mm
3
6
2.5±0.5
4
12
11
20
2±0.5
2±0.5 (No.1 to 7)
3±0.5 (No.A to D)
Stripping dimensions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Số phần tương tự - LF07WBP-6S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
LF07WBP-6S HIROSE-LF07WBP-6S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Mô tả tương tự - LF07WBP-6S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com