công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA2901F bảng dữ liệu(PDF) 4 Page - Rohm |
|
BA2901F bảng dữ liệu(HTML) 4 Page - Rohm |
4 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 4/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Line-up Topr Input Offset Voltage (Max) Supply Current (Typ) Package Orderable Part Number -40°C to +85°C 7mV 0.3mA SSOP5 Reel of 3000 BA8391G-TR 5mV 0.4mA SOP8 Reel of 2500 BA10393F-E2 0.8mA SOP14 Reel of 2500 BA10339F-E2 SSOP-B14 Reel of 2500 BA10339FV-E2 -40°C to +105°C 7mV 0.6mA SOP8 Reel of 2500 BA2903SF-E2 SSOP-B8 Reel of 2500 BA2903SFV-E2 MSOP8 Reel of 3000 BA2903SFVM-TR 0.8mA SOP14 Reel of 2500 BA2901SF-E2 SSOP-B14 Reel of 2500 BA2901SFV-E2 -40°C to +125°C 0.6mA SOP8 Reel of 2500 BA2903F-E2 SSOP-B8 Reel of 2500 BA2903FV-E2 MSOP8 Reel of 3000 BA2903FVM-TR 2mV SOP8 Reel of 2500 BA2903WF-E2 SSOP-B8 Reel of 2500 BA2903WFV-E2 7mV 0.8mA SOP14 Reel of 2500 BA2901F-E2 SSOP-B14 Reel of 2500 BA2901FV-E2 Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit BA8391G Supply Voltage VCC-VEE +36 V Power Dissipation Pd SSOP5 0.67 (Note1,2) W Differential Input Voltage (Note 3) VID +36 V Input Common-mode Voltage Range VICM (VEE-0.3) to (VEE+36) V Input Current (Note 4) II -10 mA Operating Supply Voltage VOPR +2.0 to +36.0 (±1.0 to ±18.0) V Operating Temperature Range TOPR -40 to +85 °C Storage Temperature Range TSTG -55 to +150 °C Maximum Junction Temperature TJMAX +150 °C (Note 1) To use at temperature above Ta=25°C reduce 5.4mW. (Note 2) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). (Note 3) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. (Note 4) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting resistance is used. Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. |
Số phần tương tự - BA2901F |
|
Mô tả tương tự - BA2901F |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |