công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA10339F bảng dữ liệu(PDF) 11 Page - Rohm |
|
BA10339F bảng dữ liệu(HTML) 11 Page - Rohm |
11 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 11/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Description of electrical characteristics Described below are descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also shown. Note that item name and symbol and their meaning may differ from those on another manufacturer’s document or general document. 1. Absolute maximum ratings Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. (1) Power supply voltage (VCC/VEE) Indicates the maximum voltage that can be applied between the positive power supply terminal and negative power supply terminal without deterioration or destruction of characteristics of internal circuit. (2) Differential input voltage (VID) Indicates the maximum voltage that can be applied between non-inverting and inverting terminals without damaging the IC. (3) Input common-mode voltage range (VICM) Indicates the maximum voltage that can be applied to the non-inverting and inverting terminals without deterioration or destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics. (4) Power dissipation (Pd) Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25°C (normal temperature). As for package product, Pd is determined by the temperature that can be permitted by the IC in the package (maximum junction temperature) and the thermal resistance of the package. 2. Electrical characteristics (1) Input offset voltage (VIO) Indicates the voltage difference between non-inverting terminal and inverting terminals. It can be translated into the input voltage difference required for setting the output voltage at 0 V. (2) Input offset current (IIO) Indicates the difference of input bias current between the non-inverting and inverting terminals. (3) Input bias current (IB) Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias currents at the non-inverting and inverting terminals. (4) Input common-mode voltage range (VICM) Indicates the input voltage range where IC normally operates. (5) Large signal voltage gain (AV) Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal and inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage. Av = (Output voltage) / (Differential Input voltage) (6) Supply current (ICC) Indicates the current that flows within the IC under specified no-load conditions. (7) Output sink current (ISINK) Denotes the maximum current that can be output under specific output conditions. (8) Output saturation voltage, low level output voltage (VOL) Signifies the voltage range that can be output under specific output conditions. (9) Output leakage current, High level output current (ILEAK) Indicates the current that flows into the IC under specific input and output conditions. (10) Response time (tRE) Response time indicates the delay time between the input and output signal is determined by the time difference from the fifty percent of input signal swing to the fifty percent of output signal swing. |
Số phần tương tự - BA10339F |
|
Mô tả tương tự - BA10339F |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |