công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC2310 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MC2310
Giải thích chi tiết về linh kiện  Open Carrier Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2310 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MC2310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC2310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MC2310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Open Carrier Double-Balanced Mixer
For Microwave Telecommunications
Rev. V2
MC2310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 2.2 TO 8.0 GHz
• RF 3.4 TO 7.0 GHz
• IF DC TO 2.0 GHz
• LO DRIVE +10 dBm (NOMINAL)
• MICROSTRIP INTERFACE
Description
The MC2310 is a double balanced mixer, designed for use in
military, commercial and test equipment applications. The design
utilizes Schottky ring quad diodes and broadband soft dielectric
and ferrite baluns to attain excellent performance. This mixer can
also be used as a phase detector and/or bi-phase modulator since
the IF port is DC coupled to the diodes.
The use of high
temperature solder and welded assembly processes used
internally makes it ideal for use in manual, semi-automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
MC2310
Open Carrier
MC2310-2
Open Carrier
Electrical Specifications: Z0 = 50Ω Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR=3.4 to 7 GHz, fL=2.2 to 8 GHz, fI=0.05 to 0.5 GHz
fR=3.4 to 7 GHz, fL=2.2 to 8 GHz, fI=0.05 to 1.5 GHz
fR=3.4 to 7 GHz, fL=2.2 to 8 GHz, fI=0.05 to 2 GHz
dB
dB
dB
5.2
6.5
7.0
7.0
8.0
8.5
7.5
8.5
9.0
Isolation, L to R (min)
fL = 2.2 to 3 GHz
fL = 3 to 8 GHz
dB
dB
25
40
18
28
16
26
Isolation, L to I (min)
fL = 2.2 to 3 GHz
fL = 3 to 4 GHz
fL = 4 to 8 GHz
dB
dB
dB
20
30
42
13
18
30
11
16
28
Isolation, R to I (min)
fL = 3.4 to 7 GHz
dB
26
1 dB Conversion Comp.
fL = +10 dBm
dBm
+4
Input IP3
fR1 = 4.2 GHz at –10 dBm, fR2 = 4.21 at –10 dBm,
fL = 2.7 GHz at +10 dBm
fR1 = 6 GHz at –10 dBm, fR2 = 6.01 at –10 dBm,
fL = 4.5 GHz at +10 dBm
dBm
dBm
+13
+14
Product Image


Số phần tương tự - MC2310

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC2310 ETC1-MC2310 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
logo
M/A-COM Technology Solu...
MC2310 MA-COM-MC2310 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310-2 MA-COM-MC2310-2 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310 MA-COM-MC2310_15 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer
More results

Mô tả tương tự - MC2310

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
MC2420 MA-COM-MC2420 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer Open Carrier Double-Balanced Mixer
MC2410 MA-COM-MC2410_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2710 MA-COM-MC2710_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2720 MA-COM-MC2720_15 Datasheet
98Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4507 MA-COM-MC4507_15 Datasheet
120Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4120 MA-COM-MC4120 Datasheet
272Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4513 MA-COM-MC4513 Datasheet
121Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4510 MA-COM-MC4510 Datasheet
122Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110_15 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2707 MA-COM-MC2707_15 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com