công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA100 bảng dữ liệu(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
SA100 bảng dữ liệu(HTML) 1 Page - Socay Electornics Co., Ltd. |
1 / 56 page www.socay.com 1 Surface Mount Transient Voltage Suppressors (TVS) SMF Series 5.0 To 190 V 200W Uni-directional Bi-directional u Compatible with industrial standard package SOD-123 u For surface mounted applications in order to optimize board space u Low leakage u Uni and Bidirectional unit u Glass passivated junction u Low inductance u Excellent clamping capability u 200W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01% u Fast response time: typically less than 1.0ps from 0 Volts to VBR min u High Temperature soldering: 260 °C/40 seconds at terminals u Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT u Plastic package has Underwriters Laboratory Flammability 94V-0 u Matte tin lead –free Plated u Halogen free and RoHS compliant u Typical failure mode is short from over-specified voltage or current u Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c u IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact) u ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) u EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) SOD-123 Inches Millimeters Dimensions Min Max Min Max A 0.031 0.044 0.77 1.09 B 0.1 0.112 2.51 2.81 C 0.055 0.071 1.38 1.78 D 0.140 0.152 3.51 3.82 E 0.037 0.053 0.93 1.33 F 0.01 - 0.25 - G - 0.008 - 0.20 Dimensions SOD-123 Cathode Band Features |
Số phần tương tự - SA100 |
|
Mô tả tương tự - SA100 |