công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZLC-4421LB bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện EZLC-4421LB
Giải thích chi tiết về linh kiện  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

EZLC-4421LB bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EZLC-4421LB Datasheet HTML 4Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 5Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 6Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 7Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 8Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 9Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 10Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 11Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4313-T-B1 B ANY
Si4313 RX Testcard
240-960 MHz
50 Ohm
EZRadio Development Kit Test Cards
EZRadioPRO Development Kit Test Cards
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4432-T-B1 A 915
Si4432 TRX Testcard
915 MHz
Two antennas mounted at 90°; used to evaluate the
embedded antenna diversity algorithm
4432-T-B1 B 915
Si4432 TRX Testcard
915 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4432-T-B1 C 915
Si4432 TRX Testcard
915 MHz
Single tied antenna implemented with RF switch
4432-T-B1 C 868
Si4432 TRX Testcard
868 MHz
Single tied antenna implemented with RF switch
4432-T-B1 B 470
Si4432 TRX Testcard
470 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4432-T-B1 C 470
Si4432 TRX Testcard
470 MHz
Single tied antenna implemented with RF switch
4432-T-B1 D 470
Si4432 TRX Testcard
470 MHz
Single tied antenna implemented with RF switch
4431-T-B1 B 868
Si4431 TRX Testcard
868 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4431-T-B1 D 868
Si4431 TRX Testcard
868 MHz
Single tied antenna implemented without RF switch
4431-T-B1 B 434
Si4431 TRX Testcard
434 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4431-T-B1 D 434
Si4431 TRX Testcard
434 MHz
Single tied antenna implemented without RF switch
4430-T-B1 B 950
Si4430 TRX Testcard
950 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4430-T-B1 D 950
Si4430 TRX Testcard
950 MHz
Single Antenna implemented without RF switch
4330-T-B1 B 434
Si4430 RX Testcard
434 MHz
Single tied antenna
PART NUMBER
DESCRIPTION
4431-SEB1 D 868
EZLink Module; F930/4431 High Band (rev e/B1)
4431-SEB1 D 434
EZLink Module; F930/4431 Low Band (rev e/B1)
4432-SEB1 C 915
EZLink Module; F930/4432 High Band (rev e/B1)
4432-SEB1 C 470
EZLink Module; F930/4432 Low Band (rev e/B1)
Si4463-915-DK
Si4463 Wireless Kit - 915 MHz Development Kit
Si4461-868-DK
Si4461 Wireless Kit - 868 MHz Development Kit
Wireless Development Kits (cont.)


Số phần tương tự - EZLC-4421LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
EZLINX-IIIDE-EBZ AD-EZLINX-IIIDE-EBZ Datasheet
803Kb / 15P
   ezLINX?줙ardware User Guide
Rev. PrA
EZLINX-IIIDE-EBZ AD-EZLINX-IIIDE-EBZ Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
logo
Banner Engineering Corp...
EZLSA-K30LGR BANNER-EZLSA-K30LGR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
EZLSA-K30LXR BANNER-EZLSA-K30LXR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
More results

Mô tả tương tự - EZLC-4421LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com